Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9983A
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983A Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9983A Datasheet HTML 1Page - NXP Semiconductors TDA9983A Datasheet HTML 2Page - NXP Semiconductors TDA9983A Datasheet HTML 3Page - NXP Semiconductors TDA9983A Datasheet HTML 4Page - NXP Semiconductors TDA9983A Datasheet HTML 5Page - NXP Semiconductors TDA9983A Datasheet HTML 6Page - NXP Semiconductors TDA9983A Datasheet HTML 7Page - NXP Semiconductors TDA9983A Datasheet HTML 8Page - NXP Semiconductors TDA9983A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TDA9983A_SDS_1
© NXP B.V. 2008. All rights reserved.
Product short data sheet
Rev. 01 — 13 March 2008
3 of 9
NXP Semiconductors
TDA9983A
150 MHz pixel rate HDMI transmitter
I The upscaler enables a 720p/1080i output from a standard definition input using
intelligent edge interpolation
I Deals with multiple levels of HDCP receivers and repeaters
I Internal SHA-1 calculation
I Controllable via I2C-bus
I Low power dissipation
I 1.8 V and 3.3 V power supplies
I Power-down mode
I Hard reset
3.
Applications
I DVD players and recorders
I Set-Top Box (STB)
I AV receivers and amplifiers (repeater)
I Camcorders
I Digital still cameras
I Media players
I PVRs
I Media centers PCs, graphics add-in boards, notebook PCs
I Switches
4.
Quick reference data
Table 1.
Quick reference data
VDDA(FRO_3V3) = 3.0 V to 3.6 V; VDDA(PLL_3V3) = 3.0 V to 3.6 V; VDDH(3V3) = 3.0 V to 3.6 V;
VDDD(3V3) = 3.0 V to 3.6 V; VDDC(1V8) = 1.65 V to 1.95 V; VPP = 0 V; Tamb = 0 °C to 70 °C.
Typical values are measured at VDDA(FRO_3V3) = VDDA(PLL_3V3) = VDDH(3V3) = VDDD(3V3) = 3.3 V;
VDDC(1V8) = 1.8 V; VPP = 0 V and Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TDA9983AHW/8 and TDA9983AHW/15
VDDA(FRO_3V3)
free running oscillator 3.3 V
analog supply voltage
3.0
3.3
3.6
V
VDDA(PLL_3V3)
PLL 3.3 V analog supply
voltage
3.0
3.3
3.6
V
VDDD(3V3)
digital supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDH(3V3)
HDMI supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDC(1V8)
core supply voltage (1.8 V)
1.65
1.8
1.95
V
Tamb
ambient temperature
0
-
70
°C
TDA9983AHW/8; up to 81 MHz
fclk(max)
maximum clock frequency
[1][2] 81
-
-
MHz
Pcons
power consumption
[1] -
329
-
mW
worst case
[2] -
343
512
mW
Ptot
total power dissipation
[1] -
463
-
mW
worst case
[2] -
477
661
mW


Similar Part No. - TDA9983A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW NXP-TDA9983BHW Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW/15/C1 NXP-TDA9983BHW/15/C1 Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW/8/C1 NXP-TDA9983BHW/8/C1 Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
More results

Similar Description - TDA9983A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
logo
NXP Semiconductors
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com