Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M368L6423JUN Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M368L6423JUN
Description  DDR SDRAM Product Guide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L6423JUN Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M368L6423JUN Datasheet HTML 2Page - Samsung semiconductor M368L6423JUN Datasheet HTML 3Page - Samsung semiconductor M368L6423JUN Datasheet HTML 4Page - Samsung semiconductor M368L6423JUN Datasheet HTML 5Page - Samsung semiconductor M368L6423JUN Datasheet HTML 6Page - Samsung semiconductor M368L6423JUN Datasheet HTML 7Page - Samsung semiconductor M368L6423JUN Datasheet HTML 8Page - Samsung semiconductor M368L6423JUN Datasheet HTML 9Page - Samsung semiconductor M368L6423JUN Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DDR SDRAM
General Information
December 2007
60Ball FBGA (For 256Mb)
8.0 0
± 0.10
0.35
± 0.05
1.10
± 0.10
8.00
± 0.10
A
B
C
D
E
F
G
H
J
K
L
M
0.80
60 -
∅ 0.45 SOLDER BALL
TOP VIEW
BOTTOM VIEW
#A1
1.60
#A1 MARK
∅0.20 M AB
(Datum A)
(Datum B)
0.80 x 8 = 6.40
A
B
1
2
3
4
5
6
7
8
9
(Post Reflow 0.50 ± 0.05)
ENCAPSULANT AREA
60Ball FBGA (For 64Mb)
8.0 0
± 0.10
0.32
± 0.05
1.10
± 0.10
8.00
± 0.10
A
B
C
D
E
F
G
H
J
K
L
M
0.80
60 -
∅ 0.45 SOLDER BALL
#A1
1.60
#A1 MARK
∅0.20 M AB
0.80 x 8 = 6.40
A
1
2
3
4
5
6
7
8
9
(Post Reflow 0.50 ± 0.05)
Units : Millimeters
(Datum A)
(Datum B)
B
Units : Millimeters
TOP VIEW
BOTTOM VIEW


Similar Part No. - M368L6423JUN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L6423DTM-CCC SAMSUNG-M368L6423DTM-CCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L6423DTM-CCC/C4 SAMSUNG-M368L6423DTM-CCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L6423DTM-LCC SAMSUNG-M368L6423DTM-LCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L6423DTM-LCC/C4 SAMSUNG-M368L6423DTM-LCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
More results

Similar Description - M368L6423JUN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Elpida Memory
EDD5116AFTA-H ELPIDA-EDD5116AFTA-H Datasheet
493Kb / 52P
   512M bits DDR SDRAM High Quality Product
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com