Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA19989 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA19989
Description  150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19989 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA19989 Datasheet HTML 1Page - NXP Semiconductors TDA19989 Datasheet HTML 2Page - NXP Semiconductors TDA19989 Datasheet HTML 3Page - NXP Semiconductors TDA19989 Datasheet HTML 4Page - NXP Semiconductors TDA19989 Datasheet HTML 5Page - NXP Semiconductors TDA19989 Datasheet HTML 6Page - NXP Semiconductors TDA19989 Datasheet HTML 7Page - NXP Semiconductors TDA19989 Datasheet HTML 8Page - NXP Semiconductors TDA19989 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TDA19989_1
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 February 2010
5 of 47
NXP Semiconductors
TDA19989
HDMI 1.3 transmitter with HDCP and CEC support
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Pin configuration (TFBGA64)
1
A
B
C
D
E
F
G
H
ball A1
index area
8
7
6
5
4
3
2
001aal266
TDA19989
Transparent top view
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
ACLK
H5
I
audio clock input
AP0
G5
I
audio port 0 input
AP1
F5
I
audio port 1 input
HPD
E6
I
hot plug detect; 5 V tolerant
EXT_SWING
E7
O
TMDS output swing adjustment; place resistor
(REXT_SWING =10kΩ± 1 %) between this pin and analog
ground.
DSDA
F6
I/O
DDC-bus data input/output; 5 V tolerant
DSCL
F7
I
DDC-bus clock input; 5 V tolerant
VCLK
D4
I
input video pixel clock
HSYNC/HREF
F4
I
input horizontal synchronization or reference input
VSYNC/VREF
G4
I
input vertical synchronization or reference input
DE/FREF
H4
I
data enable or field reference input
CSCL
B5
I
I2C-bus clock input; 1.8 V to 3.3 V tolerant
CSDA
A5
I/O
I2C-bus data input/output; 1.8 V to 3.3 V tolerant
INT
B6
I/O
interrupt HDMI output (open-drain); this pin is used as Dual
function pin selectable through I2C-bus. In calibration mode
only this pin is used as input for 10 ms
± 1 % calibration pulse.
In operation mode this pin is used to warn the external
microprocessor that a special event has occurred for HDMI or
CEC
TX0
E8
O
negative data channel 0 for TMDS output
TX0+
D8
O
positive data channel 0 for TMDS output
TX1
C8
O
negative data channel 1 for TMDS output


Similar Part No. - TDA19989

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
More results

Similar Description - TDA19989

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com