Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8160AEFV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD8160AEFV-E2
Description  12V Input Multi-channel System Power Supply IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8160AEFV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD8160AEFV-E2 Datasheet HTML 2Page - Rohm BD8160AEFV-E2 Datasheet HTML 3Page - Rohm BD8160AEFV-E2 Datasheet HTML 4Page - Rohm BD8160AEFV-E2 Datasheet HTML 5Page - Rohm BD8160AEFV-E2 Datasheet HTML 6Page - Rohm BD8160AEFV-E2 Datasheet HTML 7Page - Rohm BD8160AEFV-E2 Datasheet HTML 8Page - Rohm BD8160AEFV-E2 Datasheet HTML 9Page - Rohm BD8160AEFV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
BD8160AEFV
Technical Note
6/18
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
SS
REF
FREQ
FBB
FB
COMP
FBP
FBN
EN1
EN2
DLY 1
DLY 2
AVIN
ERR
SOFT
START
ERR
ERR
SOFT
START
OSC
VREF
VREG
PG
EN2
POSITIVE
CHARGE
PUMP
SLOPE
TSD
UVLO
EN2
DRN
GND
VINB
SUP
PGND
BOOT
DRP
SUP
PG
OVP
PWM
S
R
OCP
CURRENT
SENSE
OS
GD
DRV
EN1
PWM
S
R
DRV
OCP
CURRENT
SENSE
SUP
SW
SWB
VINB
SW
SLOPE
IDLY
IDLY
IDLY 1
IDLY 2
NEGATIVE
CHARGE
PUMP
DETECTOR
FB FBB FBP FBN
Short Circuit Protection
VGL
-5V/50mA
C8
4.7μF
R3
51k
C9
0.047μF
D4D5
DAN217U
VIN
12V
C40
4*10μF
R4
10k
L1
10μH
SW
4
5
SW
1
FB
3
OS
23
GN
27
GD
10
DRP
14
FBP
17
BOOT
18
SW
19
NC
15
FBB
2
COMP
26
DLY2
C4
0.1μF
R1
7.5k
C11
0.1μF
D1
RSX501
L2
10μH
R7
200k
R8
115k
C15
68pF
VLOGIC
3.3V/1.5A
C12
4*10μF
D2
RSX501
VGH
28V/50mA
R9
22k
R10
1k
C22
4.7μF
C6
120pF
R5
120k
R6
10k
Vs
15V/1.5A
C23
0.1μF
C14 0.1μF
C5
0.047μF
C3
0.1μF
SUP
8
12
FREQ
20
VINB
21
VINB
22
AVIN
16
EN1
9
EN2
11
DRN
13
FBN
24
REF
6
PGN
7
PGN
28
SS
25
DLY1
C2
0.022μ
C28
3*10μF
R12
47k
C21
20μF
C27
0μF
Q1
RSQ035P0
3
D4D6
DAN217U
R2
R15
47k
C1 2200pF
C18
1μF
Boostout
Block Diagram
Fig.22 Block Diagram
Typical Application
EN1 terminal should be pulled-up to VIN terminal.
Fig.23 Typical Application


Similar Part No. - BD8160AEFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
More results

Similar Description - BD8160AEFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com