Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1532BT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA1532BT
Description  GreenChip II SMPS control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1532BT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA1532BT Datasheet HTML 5Page - NXP Semiconductors TEA1532BT Datasheet HTML 6Page - NXP Semiconductors TEA1532BT Datasheet HTML 7Page - NXP Semiconductors TEA1532BT Datasheet HTML 8Page - NXP Semiconductors TEA1532BT Datasheet HTML 9Page - NXP Semiconductors TEA1532BT Datasheet HTML 10Page - NXP Semiconductors TEA1532BT Datasheet HTML 11Page - NXP Semiconductors TEA1532BT Datasheet HTML 12Page - NXP Semiconductors TEA1532BT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TEA1532BT_TEA1532CT_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 18 January 2007
9 of 23
NXP Semiconductors
TEA1532BT; TEA1532CT
GreenChip II SMPS control IC
value of Rslopecomp. Slope compensation prevents modulation of the on-time (duty cycle)
while operating in FF CCM. A possible drawback of sub-harmonic oscillation can be
output voltage ripple.
7.11 Minimum and maximum on-time
The minimum on-time of the SMPS is determined by the Leading Edge Blinking (LEB)
time (typically 400 ns). The IC limits the on-time to a maximum time, which is dependent
on the mode of operation:
QR mode: When the system requires an ‘on-time’ of more than 25
µs, a fault condition is
assumed (e.g. CVCC removed). The IC stops switching and enters the safe restart mode.
CCM: The driver duty cycle is limited to 70 %. So the maximum on-time is correlated to
the oscillator time, which results in an accurate limit of the minimum input voltage of the
flyback converter.
7.12 Soft start-up (pin SENSE)
To prevent transformer rattle at start-up or during hiccup, the transformer peak current is
slowly increased by the soft start function. This can be achieved by inserting a resistor
and a capacitor between pin SENSE (pin 6) and sense resistor Rsense. An internal current
source charges the capacitor to VSENSE =Istartup(soft) × Rss (about 0.5 V maximum).
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of Rss and Css.
Fig 7.
Slope compensation
001aaa830
CTRL
−1
slope compensation
current
0.63 V
control
detect
5.6 V
4
RCTRL
Rsc
I
DM
V
sense max
)
(
I
startup soft
)
(
R
ss
×)
(
R
sense
---------------------------------------------------------------------------------------
=
τ
R
ss
C
ss
×
=


Similar Part No. - TEA1532BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1532 PHILIPS-TEA1532 Datasheet
147Kb / 27P
   GreenChip SMPS control IC
Rev. 01-28 May 2004
TEA1532P PHILIPS-TEA1532P Datasheet
147Kb / 27P
   GreenChip SMPS control IC
Rev. 01-28 May 2004
TEA1532T PHILIPS-TEA1532T Datasheet
147Kb / 27P
   GreenChip SMPS control IC
Rev. 01-28 May 2004
More results

Similar Description - TEA1532BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1553T NXP-TEA1553T Datasheet
149Kb / 27P
   GreenChip II SMPS control IC
Rev. 01-3 July 2007
TEA1530T NXP-TEA1530T Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1530AP-N2.112 NXP-TEA1530AP-N2.112 Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com