Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M378B5773CH0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M378B5773CH0
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378B5773CH0 Datasheet(HTML) 5 Page - Samsung semiconductor

  M378B5773CH0 Datasheet HTML 1Page - Samsung semiconductor M378B5773CH0 Datasheet HTML 2Page - Samsung semiconductor M378B5773CH0 Datasheet HTML 3Page - Samsung semiconductor M378B5773CH0 Datasheet HTML 4Page - Samsung semiconductor M378B5773CH0 Datasheet HTML 5Page - Samsung semiconductor M378B5773CH0 Datasheet HTML 6Page - Samsung semiconductor M378B5773CH0 Datasheet HTML 7Page - Samsung semiconductor M378B5773CH0 Datasheet HTML 8Page - Samsung semiconductor M378B5773CH0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
- 5 -
Product Guide
DDR3 SDRAM Memory
May. 2010
4. DDR3 SDRAM Module Product Guide
4.1 240Pin DDR3 Unbuffered DIMM (1.5V Product)
* NOTE : K0(1600Mbps) will be available by ES level
4.2 240Pin DDR3 Unbuffered DIMM (1.35V Product)
* NOTE : 1.35V product is 1.5V operatable.
240Pin DDR3 Unbuffered DIMM
Org.
Density
Part Number
Speed
Raw Card
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
NOTE
128Mx 64
1GB
M378B2873EH1
CF8/H9
A(1Rx8)
128M x 8 * 8 pcs
1Gb
E-die
81
78 ball
FBGA
30mm
Now
M378B2873FH0
CF8/H9/K0*
128M x 8 * 8 pcs
1Gb
F-die
128Mx 72
1GB
M391B2873EH1
CF8/H9
D(1Rx8)
128M x 8 * 9 pcs
1Gb
E-die
81
78 ball
FBGA
30mm
Now
M391B2873FH0
CF8/H9/K0*
128M x 8 * 9 pcs
1Gb
F-die
256Mx 64
2GB
M378B5673EH1
CF8/H9
B(2Rx8)
128M x 8 * 16 pcs
1Gb
E-die
82
78 ball
FBGA
30mm
Now
M378B5673FH0
CF8/H9/K0*
128M x 8 * 16 pcs
1Gb
F-die
M378B5773CH0
CF8/H9/K0*
A(1Rx8)
256M x 8 * 8 pcs
2Gb
C-die
8
1
256Mx 72
2GB
M391B5673EH1
CF8/H9
E(2Rx8)
128M x 8 * 18 pcs
1Gb
E-die
8
2
78 ball
FBGA
30mm
Now
M391B5673FH0
CF8/H9/K0*
128M x 8 * 18 pcs
1Gb
F-die
M391B5773CH0
CF8/H9/K0*
D(1Rx8)
256M x 8 * 9 pcs
2Gb
C-die
1
512Mx 64
4GB
M378B5273BH1
CF8/H9
B(2Rx8)
256M x 8 * 16 pcs
2Gb
B-die
82
78 ball
FBGA
30mm
Now
M378B5273CH0
CF8/H9/K0*
256M x 8 * 16 pcs
2Gb
C-die
512Mx 72
4GB
M391B5273BH1
CF8/H9
E(2Rx8)
256M x 8 * 18 pcs
2Gb
B-die
82
78 ball
FBGA
30mm
Now
M391B5273CH0
CF8/H9/K0*
256M x 8 * 18 pcs
2Gb
C-die
1Gx 64
8GB
M378B1G73AH0
CF8/H9/K0*
B(2Rx8)
512M x 8 * 16 pcs
4Gb
A-die
8
2
78 ball
FBGA
30mm
Now
1Gx 72
8GB
M391B1G73AH0
CF8/H9/K0*
E(2Rx8)
512M x 8 * 18 pcs
4Gb
A-die
8
2
78 ball
FBGA
30mm
Now
240Pin DDR3 Unbuffered DIMM
Org.
Density
Part Number
Speed
Raw Card
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
NOTE
128Mx 72
1GB
M391B2873EH1
YF8/H9
D(1Rx8)
128M x 8 * 9 pcs
1Gb
E-die
81
78 ball
FBGA
30mm
Now
M391B2873FH0
YF8/H9
128M x 8 * 9 pcs
1Gb
F-die
256Mx 72
2GB
M391B5673EH1
YF8/H9
E(2Rx8)
128M x 8 * 18 pcs
1Gb
E-die
82
78 ball
FBGA
30mm
Now
M391B5673FH0
YF8/H9
128M x 8 * 18 pcs
1Gb
F-die
M391B5773CH0
YF8/H9
D(1Rx8)
256M x 8 * 9 pcs
2Gb
C-die
8
1
512Mx 72
4GB
M391B5273BH1
YF8/H9
E(2Rx8)
256M x 8 * 18 pcs
2Gb
B-die
82
78 ball
FBGA
30mm
Now
M391B5273CH0
YF8/H9
256M x 8 * 18 pcs
2Gb
C-die
1Gx 72
8GB
M391B1G73AH0
YF8/H9
E(2Rx8)
512M x 8 * 18 pcs
4Gb
A-die
8
2
78 ball
FBGA
30mm
Now


Similar Part No. - M378B5773CH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
More results

Similar Description - M378B5773CH0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com