Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8305MUV Datasheet(PDF) 4 Page - Rohm

Part # BD8305MUV
Description  High-effciency Step-up/down Switching Regulators with Built-in Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8305MUV Datasheet(HTML) 4 Page - Rohm

  BD8305MUV Datasheet HTML 1Page - Rohm BD8305MUV Datasheet HTML 2Page - Rohm BD8305MUV Datasheet HTML 3Page - Rohm BD8305MUV Datasheet HTML 4Page - Rohm BD8305MUV Datasheet HTML 5Page - Rohm BD8305MUV Datasheet HTML 6Page - Rohm BD8305MUV Datasheet HTML 7Page - Rohm BD8305MUV Datasheet HTML 8Page - Rohm BD8305MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Technical Note
4/15
BD8305MUV
www.rohm.com
2010.05 - Rev.D
c
2010 ROHM Co., Ltd. All rights reserved.
Description of Blocks
1.VREF
This block generates ERROR AMP reference voltage.The reference voltage is 0.8 V.
2.UVLO
Circuit for preventing low voltage malfunction
Prevents malfunction of the internal circuit at activation of the power supply voltage or at low power supply voltage.
Monitors VCC pin voltage to turn off all output FET and DC/DC converter output when VCC voltage is lower than 2.2 V,
and reset the timer latch of the internal SCP circuit and soft-start circuit.
3.SCP
Timer latch system short-circuit protection circuit
When the INV pin is the set 0.8 V or lower voltage, the internal SCP circuit starts counting.
The internal counter is in synch with OSC, the latch circuit activates after the counter counts about 8200 oscillations to
turn off DC/DC converter output (about 8.2 msec when RT =47KΩ).
To reset the latch circuit, turn off the STB pin once. Then, turn it on again or turn on the power supply voltage again.
4.OSC
Oscillation circuit to change frequency by external resistance of the RT pin (20 pin).
When RT = 47 kΩ, operation frequency is set at 1 MHz.
5.ERROR AMP
Error amplifier for detecting output signals and output PWM control signals.
The internal reference voltage is set at 0.8 V.
6.PWM COMP
Voltage-pulse width converter for controlling output voltage corresponding to input voltage.
Comparing the internal SLOPE waveform with the ERROR AMP output voltage, PWM COMP controls the pulse width
and outputs to the driver.
Max Duty and Min Duty are set at the primary side and the secondary side of the inductor respectively, which are as
follows:
Primary side (Lx1)
Max Duty : 100 %,
Min Duty :
0 %
Secondary side (Lx2)
Max Duty : 100 %,
Min Duty : About 15 %
7.SOFT START
Circuit for preventing in-rush current at startup by bringing the output voltage of the DC/DC converter into a soft-start
Soft-start time is in synch with the internal OSC, and the output voltage of the DC/DC converter reaches the set voltage
after about 1000 oscillations (About 1 msec when RT = 47 kΩ).
8.PRE DRIVER
CMOS inverter circuit for driving the built-in Pch/Nch FET.Dead time is provided for preventing feedthrough during
switching.The dead time is set at about 15 nsec for each individual SWs.
9. STBY_IO
Voltage applied on STB pin (19 pin) to control ON/OFF of IC.
Turned ON when a voltage of 1.5 V or higher is applied and turned OFF when the terminal is open or 0 V is applied.
Incorporates approximately 400 kΩ pull-down resistance.
10. Pch/Nch FET SW
Built-in SW for switching the coil current of the DC/DC converter. Pch FET is about 120mΩand Nch is 100mΩ.
Since the current rating of this FET is 2A,it should be used within 1.6A in total including the DC current and ripple current
of the coil.


Similar Part No. - BD8305MUV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD830 PHILIPS-BD830 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
logo
Inchange Semiconductor ...
BD830 ISC-BD830 Datasheet
277Kb / 2P
   isc Silicon PNP Power Transistor
logo
Rohm
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8301MUV-E2 ROHM-BD8301MUV-E2 Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
More results

Similar Description - BD8305MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com