Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8305MUV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD8305MUV-E2
Description  High-effciency Step-up/down Switching Regulators with Built-in Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8305MUV-E2 Datasheet(HTML) 5 Page - Rohm

  BD8305MUV-E2 Datasheet HTML 1Page - Rohm BD8305MUV-E2 Datasheet HTML 2Page - Rohm BD8305MUV-E2 Datasheet HTML 3Page - Rohm BD8305MUV-E2 Datasheet HTML 4Page - Rohm BD8305MUV-E2 Datasheet HTML 5Page - Rohm BD8305MUV-E2 Datasheet HTML 6Page - Rohm BD8305MUV-E2 Datasheet HTML 7Page - Rohm BD8305MUV-E2 Datasheet HTML 8Page - Rohm BD8305MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Technical Note
5/15
BD8305MUV
www.rohm.com
2010.05 - Rev.D
c
2010 ROHM Co., Ltd. All rights reserved.
Reference Data
(Unless otherwise specified, Ta = 25°C, VCC = 3.7 V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
012
34
FB VOLTAGE [V]
INV=1.1V
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
FB VOLTAGE [V]
INV=0.5V
0.790
0.795
0.800
0.805
0.810
-50
0
50
100
150
TEMPERATURE [℃]
VCC=2.4V
VCC=3.7V
VCC=5.5V
VCC=7.0V
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
-50
0
50
100
150
TEMPARATURE [℃]
DETECT
RESET
0.790
0.795
0.800
0.805
0.810
0.0
2.0
4.0
6.0
8.0
VCC [V]
UVLO
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-50
0
50
100
150
TEMPERATURE [℃]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
23456
VCC [℃]
0
50
100
150
200
250
300
-60
-10
40
90
140
TEMPERATURE [℃]
VCC=2.0V
VCC=3.0V
VCC=3.7V
VCC=6.0V
Fig.3 INV threshold
Fig.8
FB sink current
Fig.9
FB source current
Fig.5 Oscillation frequency
Fig.7 UVLO threshold
Fig.4 INV threshold (power supply property)
Fig.11 Lx1 Nch FET ON resistance
Fig.6
Oscillation frequency
(power supply property)
Fig.10 Lx1 Pch FET ON resistance
0
50
100
150
200
250
300
-60
-10
40
90
140
TEMPERATURE [℃]
VCC=2.0V
VCC=3.0V
VCC=3.7V
VCC=6.0V
Io=500mA
Io=500mA


Similar Part No. - BD8305MUV-E2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD830 PHILIPS-BD830 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
logo
Inchange Semiconductor ...
BD830 ISC-BD830 Datasheet
277Kb / 2P
   isc Silicon PNP Power Transistor
logo
Rohm
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8301MUV-E2 ROHM-BD8301MUV-E2 Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
More results

Similar Description - BD8305MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com