Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M378B5273BH1 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M378B5273BH1
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378B5273BH1 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M378B5273BH1 Datasheet HTML 2Page - Samsung semiconductor M378B5273BH1 Datasheet HTML 3Page - Samsung semiconductor M378B5273BH1 Datasheet HTML 4Page - Samsung semiconductor M378B5273BH1 Datasheet HTML 5Page - Samsung semiconductor M378B5273BH1 Datasheet HTML 6Page - Samsung semiconductor M378B5273BH1 Datasheet HTML 7Page - Samsung semiconductor M378B5273BH1 Datasheet HTML 8Page - Samsung semiconductor M378B5273BH1 Datasheet HTML 9Page - Samsung semiconductor M378B5273BH1 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
- 6 -
Product Guide
DDR3 SDRAM Memory
May. 2010
4.3 204Pin DDR3 SoDIMM (1.5V Product)
4.4 204Pin DDR3 SoDIMM (1.35V Product)
* NOTE : 1.35V product is 1.5V operatable.
204Pin DDR3 SODIMM
Org.
Density
Part Number
Speed
Raw Card
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
NOTE
128Mx 64
1GB
M471B2873EH1
CF8/H9
B(1Rx8)
128M x 8 * 8 pcs
1Gb
E-die
8
1
78 ball
FBGA
30mm
Now
M471B2874EH1
CF8/H9
A(2Rx16)
64M x 16 * 8 pcs
1Gb
E-die
8
2
96 ball
M471B2873FHS
CF8/H9
B(1Rx8)
64M x 16 * 8 pcs
1Gb
F-die
8
1
78 ball
FBGA
256Mx 64
2GB
M471B5673EH1
CF8/H9
F(2Rx8)
128M x 8 * 16 pcs
1Gb
E-die
82
78 ball
FBGA
30mm
Now
M471B5673FH0
CF8/H9
128M x 8 * 16 pcs
1Gb
F-die
M471B5773CHS
CF8/H9
B(1Rx8)
256M x 8 * 8 pcs
2Gb
C-die
8
1
512Mx 64
4GB
M471B5273BH1
CF8/H9
F(2Rx8)
256M x 8 * 16 pcs
2Gb
B-die
82
78 ball
FBGA
30mm
Now
M471B5273CH0
CF8/H9
256M x 8 * 16 pcs
2Gb
C-die
1Gx 64
8GB
M471B1G73AH0
CF8/H9
F(2Rx8)
512M x 8 * 16 pcs
4Gb
A-die
8
2
78 ball
FBGA
30mm
Now
204Pin DDR3 SODIMM
Org.
Density
Part Number
Speed
Raw Card
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
NOTE
128Mx 64
1GB
M471B2873FHS
YF8/H9
B(1Rx8)
128M x 8 * 8 pcs
1Gb
F-die
8
1
78 ball
FBGA
30mm
Now
256Mx 64
2GB
M471B5673FH0
YF8/H9
F(2Rx8)
128M x 8 * 16 pcs
1Gb
F-die
8
2
78 ball
FBGA
30mm
Now
M471B5773CHS
YF8/H9
B(1Rx8)
256M x 8 * 8 pcs
2Gb
C-die
8
1
512Mx 64
4GB
M471B5273BH1
YF8/H9
F(2Rx8)
256M x 8 * 16 pcs
2Gb
B-die
82
78 ball
FBGA
30mm
Now
M471B5273CH0
YF8/H9
256M x 8 * 16 pcs
2Gb
C-die
1Gx 64
8GB
M471B1G73AH0
YF8/H9
F(2Rx8)
512M x 8 * 16 pcs
4Gb
A-die
8
2
78 ball
FBGA
30mm
Now


Similar Part No. - M378B5273BH1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5273CH0 SAMSUNG-M378B5273CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M378B5273DH0 SAMSUNG-M378B5273DH0 Datasheet
1Mb / 41P
   240pin Unbuffered DIMM based on 2Gb D-die
More results

Similar Description - M378B5273BH1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com