Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95500MUV-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD95500MUV-E2
Description  Switching Regulator with MOSFET for DDR-SDRAM Cores
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95500MUV-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD95500MUV-E2 Datasheet HTML 4Page - Rohm BD95500MUV-E2 Datasheet HTML 5Page - Rohm BD95500MUV-E2 Datasheet HTML 6Page - Rohm BD95500MUV-E2 Datasheet HTML 7Page - Rohm BD95500MUV-E2 Datasheet HTML 8Page - Rohm BD95500MUV-E2 Datasheet HTML 9Page - Rohm BD95500MUV-E2 Datasheet HTML 10Page - Rohm BD95500MUV-E2 Datasheet HTML 11Page - Rohm BD95500MUV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Technical Note
BD95500MUV
8/20
www.rohm.com
2010.05 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Pin Descriptions
VCC (5 Pin)
This is the power supply pin for IC internal circuits, except the FET driver. The input supply voltage range is 4.5V to 5.5V.
It is recommended that a 10Ω/0.1uF C-R filter be put in this pin from VDD rail.
EN (39 Pin)
When EN pin voltage is at least 2.3V, the status of this switching regulator becomes active. Conversely, the status
switches off when EN pin voltage goes lower than 0.8V and circuit current becomes 0µA.
VDD (14 Pin)
This is the power supply pin to drive the LOW side FET and for Boot-strap diode. It is recommended that a 1~10µF
bypass capacitor be established to compensate for rush current during the FET ON/OFF transition.
VREG (7 Pin)
This is the reference voltage output pin. The voltage is 2.5V, with 500uA current ability. It is recommended that a
0.22~1µF capacitor (X5R or X7R) be established between VREG and GND (6 Pin). When REF is not adjusted from the
external voltage supply, the REF voltage can be adjusted using the external resistor divider of VREG.
REF (10 Pin)
This is the output voltage adjustment pin by resistor divider network from VREG pin (0.7~2.0V). It is also very
convenient for synchronizing external voltage supply. The IC controls the output voltage (REF≒VOUT).
ILIM (4 Pin)
BD95500MUV detects the voltage between Is+ pin and Is- pin and limits the output current (OCP). Voltage equivalent to
1/10 of the ILIM voltage is the voltage drop of external current sense resistor. A very low current sense resistor or
inductor DCR can also be used for this platform.
SS/TRACK (9 Pin)
This is the adjustment pin to set the soft start time. SS voltage is low during standby status. When EN is ON, the soft
start time can be determined by the SS charge current and capacitor between SS-GND. Until SS reaches REF voltage,
the output voltage is equivalent to SS voltage. And also this pin enables to operate tracking function. The output voltage
keeps track of a power supply rail by connecting 10kΩ resistance between the power supply rail and SS/TRACK pin.
VINS (37 Pin)
The duty cycle is determined by input voltage and controls output voltage. In other words, the output voltage is affected
by input voltage. Therefore, when VINS voltage fluctuates, the output voltage becomes also unstable. Since the VINS
line is also the input voltage of the switching regulator, stability depends on the impedance of the voltage supply. It is
recommended to establish a bypass capacitor or CR filter suitable for the actual application.
FS (8 Pin)
This is the pin to adjust the switching frequency with the resistor. It is recommended that a resistor be established to
GND (6 pin).The frequency range is from 200kHz to 1000kHz.
Is+ (13 pin), Is- (12 pin)
These pins are connected to both sides of the current sense resistor to detect output current. The voltage drop between
Is+ and Is- is compared with the voltage equivalent to 1/10 of ILIM voltage. When this voltage drop hits the specified
voltage level, the output voltage is OFF. Since the maximum input voltage is 2.7V, set the output voltage by the
resistance division value in case the output voltage is 2.7V or more.
BOOT (38 pin)
This is the voltage supply to drive the high side FET and a Diode for BOOT strap function is built in. The maximum
absolute ratings are 30V (from GND) and 7V (from SW). BOOT voltage swings between (VIN+Vcc) and Vcc during
active operation.
PGOOD (1 pin)
This pin is output pin for Power Good. It is open drain pin and recommended to connect to other power supply through
the pull-up resistance (about 100kΩ).
CE (3 pin)
This pin is for the ceramic capacitor. It is useful to utilize low ESR capacitor for output capacitor.
MODE (40 pin)
This is the control mode changeable pin. The status is Low : continuous mode, the status is High : SLLM
TM.
VOUT (11 pin)
This is the monitor pin for output voltage. This IC controls the voltage in the status of REF≒VOUT. When output voltage
is required 2V or more, set the output voltage by the resistance division value.
SW (22-29 pin)
This is connected pin for coil. SW voltage swings between VIN and GND. It is recommended to connect by heavy and
short pattern to coil.
VIN (31-36 pin)
This is input power supply pin. Recommend input voltage is 3.3V to 20V. Connect the input capacitor against PGND
directly.
PGND (15-21, 30 pin)
This is power ground pin. It is recommended to connect by heavy and short pattern. Connect in reverse side of IC when
connecting to GND (6 pin).


Similar Part No. - BD95500MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95503MUV ROHM-BD95503MUV Datasheet
128Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD95500MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD9532EKN ROHM-BD9532EKN_08 Datasheet
680Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
logo
List of Unclassifed Man...
BD3530F ETC1-BD3530F Datasheet
185Kb / 2P
   DDR-SDRAM Termination Regulator
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com