Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24S128-W Datasheet(PDF) 11 Page - Rohm

Part # BR24S128-W
Description  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24S128-W Datasheet(HTML) 11 Page - Rohm

Back Button BR24S128-W Datasheet HTML 7Page - Rohm BR24S128-W Datasheet HTML 8Page - Rohm BR24S128-W Datasheet HTML 9Page - Rohm BR24S128-W Datasheet HTML 10Page - Rohm BR24S128-W Datasheet HTML 11Page - Rohm BR24S128-W Datasheet HTML 12Page - Rohm BR24S128-W Datasheet HTML 13Page - Rohm BR24S128-W Datasheet HTML 14Page - Rohm BR24S128-W Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Technical Note
11/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
Notes on write cycle continuous input
*1 BR24L01A-W becomes Don’t care.
*2 BR24L04-W, BR24L08-W, and BR24L16-W become (n+15).
*3 BR24L32-W and BR24L64-W become (n+31).
Fig.41 Page write cycle
Note)
*1 In BR24L16-W, A2 becomes P2.
*2 In BR24L08-W, BR24L16-W, A1 becomes P1.
*3 In BR24L04-W, A0 becomes PS, and in BR24L08-W and in BR24L16-W, A0 becomes P0.
Fig.42 Difference of each type of slave address
Notes on page write cycle
List of numbers of page write
Number of Pages
8Byte
16Byte
32Byte
Product
number
BR24L01A-W
BR24L02-W
BR24L04-W
BR24L08-W
BR24L16-W
BR24L32-W
BR24L64-W
The above numbers are maximum bytes for respective types.
Any bytes below these can be written.
In the case BR24L02-W, 1 page=8bytes, but the page write cycle write time is 5ms at maximum for 8byte bulk write.
It does not stand 5ms at maximum × 8byte=40ms(Max.).
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
WORD
ADDRESS(n)
DATA(n)
SDA
LINE
A
C
K
DATA(n+7)
A
C
K
SLAVE
ADDRESS
10
0
1A0
A1
A2
WA
7
D0
D7
D0
*1
A
C
K
Note)
WA
0
1
1
00
Next command
tWR(maximum : 5ms)
Command is not accepted for this period.
At STOP (stop bit),
write starts.
*2
*3
S
T
A
R
T
1 0
0
1A 0
A1
A2
*1 *2 *3


Similar Part No. - BR24S128-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24S128-W ROHM-BR24S128-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24S128-W ROHM-BR24S128-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S128-W ROHM-BR24S128-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S128-W ROHM-BR24S128-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24S128-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com