Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ464 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SJ464
Description  Chopper Regulator, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ464 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SJ464 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ464
2009-09-29
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
0
0
−8
−20
−5
−4
−12
−16
Common source
VDS = −10 V
Pulse test
−1
−3
−4
−2
100
Tc
= −55°C
25
−10
0
0
−8
−20
−2.0
−4
−12
−16
Common source
Tc
= 25°C
Pulse test
−0.4
−1.2
−1.6
VGS = −2 V
−4
−0.8
−2.5
−3.5
−3
−4
−4.5
−8
−6
Tc
= −55°C
100
25
1
−1
−10
−3
−100
30
10
3
5
50
100
−5
−30
−50
Common source
VDS = −10 V
Pulse test
0
0
−20
−50
−20
−8
−10
−30
−40
Common source
Tc
= 25°C
Pulse test
−4
−12
−16
−3
−4
VGS = −2.5 V
−3.5
−10
−8
−6
−5
−4.5
0.01
−1
−100
−10
−3
−50
0.1
0.3
−30
VGS = −4
−10 V
0.05
Common source
Tc
= 25°C
Pulse test
0.03
−5
0
0
ID = −18 A
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
−2
−4
−6
−8
−10
−16
−12
−14
−9
−4.5
Common source
Tc
= 25°C
Pulse test


Similar Part No. - 2SJ464

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ464 TOSHIBA-2SJ464 Datasheet
281Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPOER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ464 TOSHIBA-2SJ464 Datasheet
190Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SJ464 TOSHIBA-2SJ464 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ464 TOSHIBA-2SJ464_07 Datasheet
190Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
More results

Similar Description - 2SJ464

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_09 Datasheet
409Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4002 TOSHIBA-2SK4002_09 Datasheet
415Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_10 Datasheet
427Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2719 TOSHIBA-2SK2719_09 Datasheet
187Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4018 TOSHIBA-2SK4018_08 Datasheet
737Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3085 TOSHIBA-2SK3085 Datasheet
207Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2231Q TOSHIBA-2SK2231Q Datasheet
810Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2700 TOSHIBA-2SK2700_09 Datasheet
410Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_10 Datasheet
415Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com