Electronic Components Datasheet Search |
|
BR24L32FJ-WE2 Datasheet(PDF) 10 Page - Rohm |
|
BR24L32FJ-WE2 Datasheet(HTML) 10 Page - Rohm |
10 / 41 page Technical Note 10/40 www.rohm.com 2009.09 - Rev.D © 2009 ROHM Co., Ltd. All rights reserved. BR24L□□-W Series,BR24S□□□-W Series ● Write Command ○ Write cycle ・ Arbitrary data is written to EEPROM. When to write only 1 byte, byte write is normally used, and when to write continuous data of 2 bytes or more, simultaneous write is possible by page write cycle. The maximum number of write bytes is specified per device of each capacity. Up to 32 arbitrary bytes can be written. (In the case of BR24L32 / L64-W) Fig.36 Byte write cycle (BR24L01A/02/04/08/16-W) Fig.37 Byte write cycle (BR24L32/64-W) Fig.38 Page write cycle (BR24L01A/02/04/08/16-W) Fig.39 Page write cycle (BR24L32/64-W) ・ Data is written to the address designated by word address (n-th address) ・ By issuing stop bit after 8bit data input, write to memory cell inside starts. ・ When internal write is started, command is not accepted for tWR (5ms at maximum). ・ By page write cycle, the following can be written in bulk : Up to 8 bytes ( BR24L01A-W, BR24L02-W) : Up to 16bytes (BR24L04-W, BR24L08-W,BR24L16-W) : Up to 32bytes (BR24L32-W, BR24L64-W) And when data of the maximum bytes or higher is sent, data from the first byte is overwritten. (Refer to "Internal address increment" of "Notes on page write cycle" in P9/32.) ・ As for page write cycle of BR24L01A-W and BR24L02-W, after the significant 5 bits (4 significant bits in BR24L01-W) of word address are designated arbitrarily, and as for page write command of BR24L04-W, BR24L08-W, and BR24L16-W, after page select bit (PS) of slave address is designated arbitrarily, by continuing data input of 2 bytes or more, the address of insignificant 4 bits (insignificant 3 bit in BR24L01A-W, and BR24L02-W) is incremented internally, and data up to 16 bytes (up to 8 bytes in BR24L01A-W and BR24L02-W) can be written. ・ As for page write cycle of BR24L32-W and BR24L64-W, after the significant 7 bits (in the case of BR24L32-W) of word address, or the significant 8 bits (in the case of BR24L64-W) of word address are designated arbitrarily, by continuing data input of 2 byte or more, the address of insignificant 5 bits is incremented internally, and data up to 32 bytes can be written. Note) Fig.40 Difference of slave address of each type W R I T E S T A R T R / W A C K S T O P WO R D ADD R ESS(n) DATA (n) SDA LIN E A C K A C K D A TA(n+15) A C K SLAVE ADDR ESS 1 0 0 1A 0 A1 A2 WA 7 D0 D7 D 0 WA 0 Note) *1 *2 A1 A2 WA 7 D7 1 1 0 0 W R I T E S T A R T R / W S T O P WORD ADDRESS DATA SLAVE ADDRESS A0 WA 0 D0 A C K SDA LINE A C K A C K Note) *1 *1 As for WA7, BR24L01A-W becomes Don’t care. A1 A2 1 1 0 0 W R I T E S T A R T R / W S T O P 1st WORD ADDRESS DATA SLAVE ADDRESS A0 D0 A C K SDA LINE A C K A C K Note) WA 12 WA 11 * WA 0 A C K 2nd WORD ADDRESS D7 *1 * * *1 As for WA12, BR24L32-W becomes Don’t care. *1 As for WA7, BR24L01A-W becomes Don’t care. *2 As for BR24L01A/02-W becomes (n+7). *1 As for WA12, BR24L32-W becomes Don’t care. W R I T E S T A R T R / W A C K S T O P 1st W O R D AD D R ESS(n) SD A LIN E A C K A C K D A TA (n+31) A C K SLAVE AD D R ESS 1 0 0 1A 0 A1 A2 D0 Note) *1 DA TA (n) D0 D7 A C K 2nd W O R D A D D R ESS(n) WA 0 WA 12 WA 11 * * * 1 0 0 1A 0 A1 A2 *1 *2 *3 *1 In BR24L16-W, A2 becomes P2. *2 In BR24L08-W, BR24L16-W, A1 becomes P1. *3 In BR24L04-W, A0 becomes PS, and in BR24L08-W and BR24L16-W, A0 becomes P0. |
Similar Part No. - BR24L32FJ-WE2 |
|
Similar Description - BR24L32FJ-WE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |