Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CARS-0505 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

Part No. CARS-0505
Description  DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Homepage  http://www.power-systems.de
Logo 

CARS-0505 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
CAR Series ( 2W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
SELECTION GUIDE
2W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
4
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(Ma)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
CARS-0505(M)
4.5-5.5
5
400
727
64
55
1000
CARS-0509(M)
4.5-5.5
9
222
635
50
63
1000
CARS-0512(M)
4.5-5.5
12
167
615
50
65
1000
CARS-0515(M)
4.5-5.5
15
133
625
50
64
1000
CARD-0505(M)
4.5-5.5
+/-5
+/-200
696
70
57
1000
CARD-0512(M)
4.5-5.5
+/-12
+/-84
649
63
62
1000
CARD-0515(M)
4.5-5.5
+/-15
+/-67
625
50
64
1000
CARS-1205(M)
10.8-13.2
5
400
273
20
61
1000
CARS-1209(M)
10.8-13.2
9
222
265
20
63
1000
CARS-1212(M)
10.8-13.2
12
167
252
20
66
1000
CARS-1215(M)
10.8-13.2
15
133
242
20
69
1000
CARD-1205(M)
10.8-13.2
+/-5
+/-200
273
20
61
1000
CARD-1212(M)
10.8-13.2
+/-12
+/-84
252
20
66
1000
CARD-1215(M)
10.8-13.2
+/-15
+/-67
257
38
65
1000
CARS-2405(M)
21.6-26.4
5
400
132
13
63
1000
CARS-2409(M)
21.6-26.4
9
222
126
13
66
1000
CARS-2412(M)
21.6-26.4
12
167
121
13
69
1000
CARS-2415(M)
21.6-26.4
15
133
121
13
69
1000
CARD-2405(M)
21.6-26.4
+/-5
+/-200
132
13
63
1000
CARD-2412(M)
21.6-26.4
+/-12
+/-84
121
13
69
1000
CARD-2415(M)
21.6-26.4
+/-15
+/-67
121
13
69
1000
CARS-4805(M)
43.2-52.8
5
400
66
8
63
1000
CARS-4809(M)
43.2-52.8
9
222
63
8
66
1000
CARS-4812(M)
43.2-52.8
12
167
60
8
69
1000
CARS-4815(M)
43.2-52.8
15
133
60
8
69
1000
CARD-4805(M)
43.2-52.8
+/-5
+/-200
66
8
63
1000
CARD-4812(M)
43.2-52.8
+/-12
+/-84
60
8
69
1000
CARD-4815(M)
43.2-52.8
+/-15
+/-67
60
8
69
1000
Note: Other input to output voltages may be available. Please contact factory.
4 CAR*-**** ------ Non-Conductive Plastic
CAR*-****M ------ Six -sided shield case


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn