Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L16FV-WE2 Datasheet(PDF) 3 Page - Rohm

Part # BR24L16FV-WE2
Description  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L16FV-WE2 Datasheet(HTML) 3 Page - Rohm

  BR24L16FV-WE2 Datasheet HTML 1Page - Rohm BR24L16FV-WE2 Datasheet HTML 2Page - Rohm BR24L16FV-WE2 Datasheet HTML 3Page - Rohm BR24L16FV-WE2 Datasheet HTML 4Page - Rohm BR24L16FV-WE2 Datasheet HTML 5Page - Rohm BR24L16FV-WE2 Datasheet HTML 6Page - Rohm BR24L16FV-WE2 Datasheet HTML 7Page - Rohm BR24L16FV-WE2 Datasheet HTML 8Page - Rohm BR24L16FV-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Technical Note
3/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
Absolute maximum ratings (Ta=25℃)
Parameter
symbol
Limits
Unit
Impressed voltage
VCC
-0.3~+6.5
V
Permissible dissipation
Pd
450 (SOP8)
*1
mW
450 (SOP-J8)
*2
300 (SSOP-B8)
*3
330 (TSSOP-B8)
*4
310 (MSOP8)
*5
310 (TSSOP-B8J)
*6
300 (VSON008X2030)
*7
Storage temperature range
Tstg
-65~+125
Action temperature range
Topr
-40~+85
Terminal voltage
-
-0.3~Vcc+1.0
V
When using at Ta=25℃ or higher, 4.5mW(*1,*2),
3.0mW(*3,*7) 3.3mW(*4),3.1mW(*5,*6) to be reduced per 1℃
Memory cell characteristics (Ta=25℃, Vcc=1.8~5.5V)
*1
Parameter
Limits
Unit
Min.
Typ.
Max.
Number of data rewrite times
*2
1,000,000
-
-
Times
Data hold years
*2
40
-
-
Years
Shipment data all address FFh
*1 BR24L02/16/32-W : 1.7~5.5V
*2 Not 100% TESTED
Recommended operating conditions
Parameter
Symbol
Limits
Unit
Power source voltage
Vcc
1.8~5.5
*1
V
Input voltage
VIN
0~Vcc
*1 BR24L02/16/32-W : 1.7~5.5V
Electrical characteristics (Unless otherwise specified, Ta=-40~+85℃, VCC=1.8~5.5V)
*1
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
“HIGH” input voltage 1
VIH1
0.7Vcc
-
Vcc +1.0
*2
V
2.5≦Vcc≦5.5V
“LOW” input voltage 1
VIL1
-0.3
*2
-
0.3 Vcc
V
2.5≦Vcc≦5.5V
“HIGH” input voltage 2
VIH2
0.8Vcc
-
Vcc +1.0
*2
V
1.8≦Vcc<2.5V
“LOW” input voltage 2
VIL2
-0.3
*2
-
0.2 Vcc
V
1.8≦Vcc<2.5V
“HIGH” input voltage 3
*3
VIH3
0.8Vcc
-
Vcc +1.0
V
1.7≦Vcc<1.8V
“HIGH” input voltage 3
*4
VIH3
0.9Vcc
-
Vcc +1.0
V
1.7≦Vcc<1.8V
“LOW” input voltage 3
*2
VIL3
-0.3
-
0.1 Vcc
V
1.7≦Vcc<1.8V
“LOW” output voltage 1
VOL1
-
-
0.4
V
IOL=3.0mA, 2.5V≦Vcc≦5.5V, (SDA)
“LOW” output voltage 2
VOL2
-
-
0.2
V
IOL=0.7mA, 1.7V≦Vcc<2.5V, (SDA)
Input leak current
ILI
-1
-
1
μAVIN=0V~Vcc
Output leak current
ILO
-1
-
1
μAVOUT=0V~Vcc, (SDA)
Current consumption at
action
ICC1
-
-
2.0
*5
mA
Vcc=5.5V,fSCL=400kHz, tWR=5ms,
Byte write, Page write
3.0
*6
ICC2
-
-
0.5
mA
Vcc=5.5V,fSCL=400kHz
Random read, current read,sequential read
Standby current
ISB
-
-
2.0
μA
Vcc=5.5V, SDA・SCL=Vcc
A0, A1, A2=GND, WP=GND
Radiation resistance design is not made.
*1 BR24L02/16/32-W : 1.7~5.5V, *2 BR24L16/32-W, *3 BR24L02/16-W, *4 BR24L32-W
*5 BR24L01A/02/04/08/16-W, *6 BR24L32/64-W


Similar Part No. - BR24L16FV-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L16FV-W ROHM-BR24L16FV-W Datasheet
390Kb / 26P
   2k횞8 bit electrically erasable PROM
BR24L16FV-W ROHM-BR24L16FV-W Datasheet
318Kb / 6P
   I2C BUS 16Kbit (2,048 x 8bit) EEPROM
More results

Similar Description - BR24L16FV-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com