Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUS-4809 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # HUS-4809
Description  DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

HUS-4809 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  HUS-4809 Datasheet HTML 1Page - Power Systems GmbH+Co.KG HUS-4809 Datasheet HTML 2Page - Power Systems GmbH+Co.KG HUS-4809 Datasheet HTML 3Page - Power Systems GmbH+Co.KG HUS-4809 Datasheet HTML 4Page - Power Systems GmbH+Co.KG HUS-4809 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
HU Series ( 1.8 W UNREGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
SELECTION GUIDE
1.8W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
HUS-0505
5
5
360
467
40
77
1000
HUS-05094
5
9
200
476
40
77
1000
HUS-0512
5
12
150
450
38
80
1000
HUS-0515
5
15
120
444
38
81
1000
HUS-1205
12
5
360
192
18
78
1000
HUS-12095
12
9
200
185
18
81
1000
HUS-1212
12
12
150
185
16
81
1000
HUS-1215
12
15
120
182
16
82
1000
HUS-2405
24
5
360
95
9
79
1000
HUS-2409
24
9
200
92
9
82
1000
HUS-2412
24
12
150
90
9
83
1000
HUS-2415
24
15
120
88
8
85
1000
HUS-4805
48
5
360
48
5
78
1000
HUS-4809
48
9
200
46
5
81
1000
HUS-4812
48
12
150
46
5
81
1000
HUS-4815
48
15
120
45
5
82
1000
Note: Other input to output voltages may be available. Please contact factory.
4For LAN DC-DC CONVERTER
5For LAN DC-DC CONVERTER


Similar Part No. - HUS-4809

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HUS MERCURY-HUS Datasheet
104Kb / 1P
   Thru - Hole Crystals
logo
List of Unclassifed Man...
HUS724020ALA640 ETC2-HUS724020ALA640 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
HUS724020ALE640 ETC2-HUS724020ALE640 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
HUS724020ALE641 ETC2-HUS724020ALE641 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
HUS724020ALS-640 ETC2-HUS724020ALS-640 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
More results

Similar Description - HUS-4809

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com