Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE15B-050 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # VE15B-050
Description  AC-DC Power Supplies 15 WATTS DESK TOP AC ADAPTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

VE15B-050 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  VE15B-050 Datasheet HTML 1Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VE 15B SERIES (15 WATTS DESK TOP AC ADAPTER)
AC-DC Power Supplies
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 1 / 1 )
VER, 08.05.2003
Model No.
Po
Vo
Io max
OVP max
VE15B-050
15W
5.0V
3.0A
6.5V
VE15B-060
15W
6.0V
2.5A
8.0V
VE15B-075
15W
7.5V
2.0A
9.5V
VE15B-090
15W
9.0V
1.67A
12V
VE15B-120
18W
12.0V
1.5A
15V
VE15B-150
15W
15.0V
1.0A
18V
Features
Safety
Environmental
Two pin IEC C8 input receptacle
Wide range AC input
Level B EMI filter
Fully enclosed plastic case
Fully regulated output
High efficiency
High Quality
Operating temperature
Storage temperature
0 deg. C to +40 deg. C ambient
-20 deg. C to +80 deg. C ambient
UL:
cUL:
TUV:
IEC:
CE:
UL1950
CSA 22.2 NO.950
EN 60950
950
EMI
Meet FCC class B, CISPR 22 class B,
VCCI class B
Electrical specifications
Input
Output
Voltage ........................... 90-264VAC (wide range)
Current ........................... 1.0Arms Max.
Frequency ...................... 47-63Hz
Voltage (Vo) ................... (see table)
Tolerance ....................... 5%
Power (Po) ..................... 15W
Hold up time ................... 10ms min. at full load, 115VAC
OVP ............................... (see table)
Overcurrent protection ... Built-in
Short circuit protection ... Pulsing mode, auto recovery
Efficiency .......................
80% typ. at full load and 115VAC
Ripple/Noise(Vp-p) ........ 1% (20MHz bandwidth)
Output Electronic Specifications


Similar Part No. - VE15B-050

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
VE155-A OKAYA-VE155-A Datasheet
232Kb / 1P
   SUNABBER CAPACITOR NOISE SUPPRESSION CAPACITOR
VE155-A OKAYA-VE155-A Datasheet
223Kb / 1P
   SNUBBER CAPACITOR
VE155-A OKAYA-VE155-A_14 Datasheet
223Kb / 1P
   SNUBBER CAPACITOR
VE155-B OKAYA-VE155-B Datasheet
232Kb / 1P
   SUNABBER CAPACITOR NOISE SUPPRESSION CAPACITOR
VE155-B OKAYA-VE155-B Datasheet
223Kb / 1P
   SNUBBER CAPACITOR
More results

Similar Description - VE15B-050

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VE15A-050 POWER-SYSTEMS-VE15A-050 Datasheet
111Kb / 1P
   AC-DC Power Supplies 15 WATTS DESK TOP AC ADAPTER
VAN60-150C POWER-SYSTEMS-VAN60-150C Datasheet
381Kb / 2P
   AC-DC Power Supplies 60 WATTS DESK TOP AC ADAPTER
VE50-1200 POWER-SYSTEMS-VE50-1200 Datasheet
65Kb / 2P
   AC-DC POWER SUPPLIES 50 WATTS DESK TOP AC ADAPTER
VAN90A-1200 POWER-SYSTEMS-VAN90A-1200 Datasheet
420Kb / 2P
   AC-DC POWER SUPPIELS 90 WATTS DESK TOP AC ADAPTER
WRG20F-050B POWER-SYSTEMS-WRG20F-050B Datasheet
51Kb / 1P
   AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
VEG15B-120F POWER-SYSTEMS-VEG15B-120F Datasheet
104Kb / 2P
   AC-DC Power Supplies 15 WATTS GREEN-MODE DESKTOP AC ADAPTER
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
   AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
VAN70-120 POWER-SYSTEMS-VAN70-120 Datasheet
1Mb / 1P
   AC-DC Power Supplies 72 WATTS DESKTOP AC ADAPTER
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
   AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com