Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC711EA9MP3 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC68HC711EA9MP3
Description  8-Bit Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC711EA9MP3 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC68HC711EA9MP3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC711EA9MP3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC711EA9MP3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC711EA9MP3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC711EA9MP3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC711EA9MP3 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC711EA9MP3 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC711EA9MP3 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC711EA9MP3 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
MC68HC11EA9
MC68HC11EA9TS/D
11
4.3 Test Mode
Test mode, a variation of the expanded mode, is primarily used during Freescale's internal production
testing; however, it is accessible for programming the CONFIG register, programming calibration data
into EEPROM, and supporting emulation and debugging during development. Refer to Figure 6.
4.4 Bootstrap Mode
Bootstrap mode is a special variation of the single-chip mode. Bootstrap mode allows special-purpose
programs to be entered into internal RAM. When boot mode is selected at reset, a small bootstrap ROM
becomes present in the memory map. Reset and interrupt vectors are located in this ROM at $BFC0–
$BFFF. The bootstrap ROM contains a small program which initializes the SCI and allows the user to
download a program into on-chip RAM. The size of the downloaded program can be as large as the size
of the on-chip RAM. After a four-character delay, or after receiving the character for the highest address
in RAM, control passes to the loaded program at $0000. Refer to Figure 6.
4.5 Mode Selection
The four mode variations are selected by the logic levels present on the MODA and MODB pins during
reset. The MODA and MODB logic levels determine the logic state of SMOD and the MDA control bits
in the highest priority I-bit interrupt and miscellaneous (HPRIO) register. See Table 2 for further infor-
mation.
After reset is released, the mode select pins no longer influence the MCU operating mode. In single-
chip operating mode, the MODA pin is connected to a logic level zero. In expanded mode, MODA is
normally connected to VDD through a pull-up resistor of 4.7 kΩ. The MODA pin also functions as the
load instruction register (LIR) pin when the MCU is not in reset. The LIR signal is useful during program
debugging. The open-drain active low LIR output pin drives low during the first E cycle of each instruc-
tion. The MODB pin also functions as standby power input (VSTBY), which allows RAM contents to be
maintained in absence of VDD.
*The reset values of RBOOT, SMOD, and MDA depend on the mode selected at power up.
RBOOT — Read Bootstrap ROM/EPROM
Valid only when SMOD is set (bootstrap or special test mode). Can only be written in special modes.
0 = Bootstrap ROM disabled and not in map
1 = Bootstrap ROM enabled and in map at $BF00–$BFFF
SMOD and MDA — Special Mode Select and Mode Select A
These two bits can be read at any time. They can be written anytime in special modes. MDA can only
be written once in normal modes. SMOD cannot be set once it has been cleared.
HPRIO —
Highest Priority I-bit Interrupt and Miscellaneous
$103C
BIT 7
654321
BIT 0
RBOOT*
SMOD*
MDA*
IRVNE
PSEL3
PSEL2
PSEL1
PSEL0
RESET:
00000000
Table 2 Operating Mode Selection
Inputs
Mode
Latched at Reset
MODA MODB
MDA
SMOD
0
1
Single Chip
0
0
1
1
Expanded
1
0
0
0
Bootstrap
0
1
1
0
Special Test
1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC711EA9MP3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC711EA9 MOTOROLA-MC68HC711EA9 Datasheet
270Kb / 2P
   8 BIT HCMOS SINGLE CHIP MICROCONTOROLLER WITH A/D CONVERTER
MC68HC711EA9 MOTOROLA-MC68HC711EA9 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results

Similar Description - MC68HC711EA9MP3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com