Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24S64FV-WTR Datasheet(PDF) 6 Page - Rohm

Part # BR24S64FV-WTR
Description  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24S64FV-WTR Datasheet(HTML) 6 Page - Rohm

Back Button BR24S64FV-WTR Datasheet HTML 2Page - Rohm BR24S64FV-WTR Datasheet HTML 3Page - Rohm BR24S64FV-WTR Datasheet HTML 4Page - Rohm BR24S64FV-WTR Datasheet HTML 5Page - Rohm BR24S64FV-WTR Datasheet HTML 6Page - Rohm BR24S64FV-WTR Datasheet HTML 7Page - Rohm BR24S64FV-WTR Datasheet HTML 8Page - Rohm BR24S64FV-WTR Datasheet HTML 9Page - Rohm BR24S64FV-WTR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Technical Note
6/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
Block diagram
Fig.2 Block diagram
Pin assignment and description
Terminal
name
Input /
output
Function
BR24L01A-W
BR24L02-W
BR24L04-W
BR24L08-W
BR24L16-W
BR24L32-W
BR24L64-W
A0
Input
Slave address setting
Not connected
Slave address setting
A1
Input
Slave address setting
Not connected
Slave address setting
A2
Input
Slave address setting
Not used
Slave address setting
GND
-
Reference voltage of all input / output, 0V
SDA
Input /
output
Slave and word address, Serial data input serial data output
SCL
Input
Serial clock input
WP
Input
Write protect terminal
Vcc
-
Connect the power source.
1Kbit~64Kbit EEPROM array
Control circuit
High voltage
generating circuit
Power source
voltage detection
7bit
8bit
9bit
10bi
t
11bit
12bit
13b
it
Address
decoder
Slave - word
address register
Data
register
8bit
7bit
8bit
9bit
10bi
t
11bit
12bit
13b
it
START
STOP
ACK
*1
*1
1
2
3
4
8
7
6
5
SDA
SCL
WP
Vcc
A1
A0
A2
GND
*2
*2
*2
1 7bit : BR24L01A-W
8bit : BR24L02-W
9bit : BR24L04-W
10bit : BR24L08-W
11bit : BR24L16-W
12bit : BR24L32-W
13bit : BR24L64-W
2 A0=N.C.
: BR24L04-W
A0, A1=N.C.
: BR24L08-W
A0, A1= N.C. A2=Don’t Use
: BR24L16-W
1
1
1
2
1
3
1
4
1
8
1
6
1
5
BR24L01A-W
BR24L02-W
BR24L04-W
BR24L08-W
BR24L16-W
BR24L32-W
BR24L64-W
A0
1
7
A1
A2
GND
Vcc
WP
SCL
SDA


Similar Part No. - BR24S64FV-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24S64-W ROHM-BR24S64-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24S64-W ROHM-BR24S64-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S64-W ROHM-BR24S64-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S64-W ROHM-BR24S64-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24S64FV-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com