Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24S64FV-WTR Datasheet(PDF) 7 Page - Rohm

Part # BR24S64FV-WTR
Description  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24S64FV-WTR Datasheet(HTML) 7 Page - Rohm

Back Button BR24S64FV-WTR Datasheet HTML 3Page - Rohm BR24S64FV-WTR Datasheet HTML 4Page - Rohm BR24S64FV-WTR Datasheet HTML 5Page - Rohm BR24S64FV-WTR Datasheet HTML 6Page - Rohm BR24S64FV-WTR Datasheet HTML 7Page - Rohm BR24S64FV-WTR Datasheet HTML 8Page - Rohm BR24S64FV-WTR Datasheet HTML 9Page - Rohm BR24S64FV-WTR Datasheet HTML 10Page - Rohm BR24S64FV-WTR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Technical Note
7/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
Characteristic data (The following values are Typ. ones.)
0
0.1
0.2
0.3
0.4
0.5
0.6
01
23
45
6
Vcc[V]
fSCL=400kHz
DATA=AAh
Ta=25℃
Ta=-40℃
Ta=85℃
SPEC
0
0.2
0.4
0.6
0.8
1
1.2
01
2
3
45
6
Vcc[V]
Ta=85℃
Ta=25℃
Ta=-40℃
SPEC
0
1
2
3
4
5
6
012
3456
Vcc[V]
Ta=85℃
Ta=-40℃
Ta=25℃
SPEC
0
1
2
3
4
5
6
01
2
3
45
6
Vcc[V]
Ta=85℃
Ta=-40℃
Ta=25℃
SPEC
0
0.2
0.4
0.6
0.8
1
01
23
4
56
IOL2[mA]
Ta=-40℃
Ta=85℃
Ta=25℃
SPEC
Fig.3 H input voltage VIH1,2
Fig.4 L input voltageVIL1,2 (SCL,SDA,WP)
Fig.6 L output voltage VOL2-IOL2 (VCC=1.8V)
0
0.2
0.4
0.6
0.8
1
01
2
34
5
6
IOL1[mA]
Ta=25℃
Ta=-40℃
Ta=85℃
SPEC
0
0.2
0.4
0.6
0.8
1
1.2
01
234
56
Vcc[V]
SPEC
Ta=85℃
Ta=25℃
Ta=-40℃
Fig.5 L output voltage VOL1-IOL1 (VCC=2.5V)
Fig.7 Input leak current ILI (SCL,WP)
Fig.8 Output leak current ILO(SDA)
0
0.5
1
1.5
2
2.5
012
345
6
Vcc[V]
fSCL=400kHz
DATA=AAh
Ta=25℃
Ta=85℃
Ta=-40℃
SPEC
[BR24L01/02/04/08/16 series]
0
0.5
1
1.5
2
2.5
3
3.5
01
234
56
Vcc[V]
SPEC
Ta=25℃
Ta=85℃
Ta=-40℃
fSCL=100kHz
DATA=AAh
[BR24L32/64 series]
0
0.5
1
1.5
2
2.5
01
23
45
6
Vcc[V]
Ta=-40℃
Ta=85℃
Ta=25℃
SPEC
1
10
100
1000
10000
01
234
56
Vcc[V]
Ta=85℃
Ta=25℃
Ta=-40℃
SPEC2
SPEC1
0
1
2
3
4
5
0123
4
5
6
Vcc[V]
SPEC2
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC1
0
1
2
3
4
5
012
3
45
6
Vcc[V]
SPEC2
SPEC1
Ta=85℃
Ta=25℃
Ta=-40℃
0
1
2
3
4
5
0
123456
Vcc[V]
SPEC2
SPEC1
Ta=85℃
Ta=25℃
Ta=-40℃
0
0.1
0.2
0.3
0.4
0.5
0.6
012
34
56
Vcc[V]
SPEC
fSCL=100kHz
DATA=AAh
Ta=-40℃
Ta=85℃
Ta=25℃
Fig.10 Current consumption at WRITE action ICC1
(fSCL=400kHz)
Fig.11 Current consumption at READ action ICC2
(fSCL=400kHz)
Fig.13 Current consumption at WRITE action ICC1
(fSCL=100kHz)
Fig.14 Current consumption at READ action ICC2
(fSCL=100kHz)
Fig.15 Standby current ISB
Fig.16 SCL frequency fSCL
Fig.17 Data clock "H" time tHIGH
Fig.18 Data clock "L" time tLOW
Fig.19 Start condition hold time tHD:STA
0
1
2
3
4
5
6
01
234
56
Vcc[V]
SPEC2
SPEC1
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.20 Start condition setup time tSU:STA
0
0.5
1
1.5
2
2.5
3
3.5
012
3456
Vcc[V]
fSCL=400kHz
DATA=AAh
Ta=25℃
Ta=85℃
Ta=-40℃
SPEC
[BR24L32/64 series]
Fig.9 Current consumption at WRITE action ICC1
(fscl=400kHz)
0
0.5
1
1.5
2
2.5
01
2
34
56
Vcc[V]
SPEC
Ta=25℃
Ta=85℃
Ta=-40℃
fSCL=100kHz
DATA=AAh
[BR24L01/02/04/08/16 series]
Fig.12 Current consumption at WRITE action ICC1
(fSCL=100kHz)


Similar Part No. - BR24S64FV-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24S64-W ROHM-BR24S64-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24S64-W ROHM-BR24S64-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S64-W ROHM-BR24S64-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S64-W ROHM-BR24S64-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24S64FV-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com