Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L16FVJ-WTR Datasheet(PDF) 8 Page - Rohm

Part # BR24L16FVJ-WTR
Description  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L16FVJ-WTR Datasheet(HTML) 8 Page - Rohm

Back Button BR24L16FVJ-WTR Datasheet HTML 4Page - Rohm BR24L16FVJ-WTR Datasheet HTML 5Page - Rohm BR24L16FVJ-WTR Datasheet HTML 6Page - Rohm BR24L16FVJ-WTR Datasheet HTML 7Page - Rohm BR24L16FVJ-WTR Datasheet HTML 8Page - Rohm BR24L16FVJ-WTR Datasheet HTML 9Page - Rohm BR24L16FVJ-WTR Datasheet HTML 10Page - Rohm BR24L16FVJ-WTR Datasheet HTML 11Page - Rohm BR24L16FVJ-WTR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Technical Note
8/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
Characteristic data (The following values are Typ. ones).
0
0.1
0.2
0.3
0.4
0.5
0.6
01
23
4
56
Vcc[V]
SPEC1,2
Ta=25℃
Ta=-40℃
Ta=85℃
0
1
2
3
4
0123
4
5
6
Vcc[V]
SPEC1
SPEC2
SPEC2
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC1
0
1
2
3
4
01
234
56
Vcc[V]
Ta=85℃
Ta=25℃
Ta=-40℃
SPEC2
SPEC1
SPEC2
SPEC1
-200
-150
-100
-50
0
50
0
123
45
6
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=25℃
Ta=85℃
-200
-150
-100
-50
0
50
01
234
56
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=85℃
Ta=25℃
-200
-100
0
100
200
300
0123
456
Vcc[V]
Ta=-40℃
Ta=85℃
Ta=25℃
SPEC1
SPEC2
-200
-100
0
100
200
300
01
23
4
56
Vcc[V]
Ta=85℃
Ta=25℃
Ta=-40℃
SPEC1
SPEC2
Fig.21 Input data hold time tHD:DAT(HIGH)
Fig.22 Input data hold time tHD:DAT(LOW)
Fig.23 Input data setup time tSU:DAT(HIGH)
Fig.24 Input data setup time tSU:DAT(LOW)
Fig.25 Output data delay time tPD0
Fig.26 Output data delay time tPD1
0
1
2
3
4
5
012
3
456
Vcc[V]
SPEC2
SPEC1
Ta=-40℃
Ta=25℃
Ta=85℃
0
1
2
3
4
5
6
012
3456
Vcc[V]
SPEC1,2
Ta=25℃
Ta=-40℃
Ta=85℃
Fig.27 Bus release time before transfer start tBUF
Fig.28 Internal write cycle time tWR
0
0.1
0.2
0.3
0.4
0.5
0.6
01
234
56
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=25℃
Ta=85℃
0
0.1
0.2
0.3
0.4
0.5
0.6
01234
56
Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC1
0
0.1
0.2
0.3
0.4
0.5
0.6
01
234
56
Vcc[V]
SPEC1
Ta=-40℃
Ta=85℃
Ta=25℃
-0.6
-0.4
-0.2
0
0.2
01
234
56
Vcc[V]
SPEC1,2
Ta=85℃
Ta=-40℃
Ta=25℃
0
0.2
0.4
0.6
0.8
1
1.2
0123
456
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.29 Noise removal valid time tI(SCL H)
Fig.30 Noise removal valid time tI(SCL L)
Fig.31 Noise removal valid time tI(SDA H)
Fig.32 Noise removal valid time tI(SDA L)
Fig.33 WP setup time tSU:WP
Fig.34 WP valid time tHIGH:WP


Similar Part No. - BR24L16FVJ-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L16FVJ-W ROHM-BR24L16FVJ-W Datasheet
318Kb / 6P
   I2C BUS 16Kbit (2,048 x 8bit) EEPROM
More results

Similar Description - BR24L16FVJ-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com