Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2782 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK2782
Description  Chopper Regulator, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2782 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK2782_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2782_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2782_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2782_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2782_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2782_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2782
2009-12-21
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (L
2
−π−MOSV)
2SK2782
Chopper Regulator, DC-DC Converter and Motor Drive
Applications
4-V gate drive
Low drain−source ON-resistance
: RDS (ON) = 0.039 Ω (typ.)
High forward transfer admittance
: |Yfs| = 11 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 60 V)
Enhancement mode
: Vth = 0.8 to 2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data
(i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
3.125
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
125
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 25 V, Tch = 25°C (initial), L = 530 μH, RG = 25 Ω, ID = 20 A
Note 3: Repetitive rating: pulse width limited by maximum channel
temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
3
2
1
1. GATE
2. DRAIN
HEAT SINK)
3. SOURSE
0.6 MAX
0.6 MAX.
2.3
6.8 MAX.
0.95 MAX.
0.6
± 0.15
5.2
± 0.2
1
2
3
2.3
JEDEC
JEITA
SC-64
TOSHIBA
2-7B5B
Weight: 0.36 g (typ.)
2.3
0.6 MAX.
0.6 MAX.
2.3
6.8 MAX.
0.95 MAX.
0.6
± 0.15
5.2
± 0.2
1
2
3
2.3
2.3
0.6
± 0.15
3
2
1
1. GATE
2. DRAIN
HEAT SINK)
3. SOURSE
JEDEC
JEITA
TOSHIBA
2-7B7B
Weight: 0.36 g (typ.)
Characteristic
Symbol
Rating
Unit
Drain−source voltage
VDSS
60
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
60
V
Gate−source voltage
VGSS
±20
V
DC (Note 1)
ID
20
A
Drain current
Pulse (Note 1)
IDP
50
A
Drain power dissipation (Tc = 25°C)
PD
40
W
Single-pulse avalanche energy
(Note 2)
EAS
156
mJ
Avalanche current
IAR
20
A
Repetitive avalanche energy (Note 3)
EAR
4
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C


Similar Part No. - 2SK2782_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2782 TOSHIBA-2SK2782_06 Datasheet
723Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2782_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_09 Datasheet
409Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4002 TOSHIBA-2SK4002_09 Datasheet
415Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SJ464 TOSHIBA-2SJ464_09 Datasheet
202Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_10 Datasheet
427Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2719 TOSHIBA-2SK2719_09 Datasheet
187Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4018 TOSHIBA-2SK4018_08 Datasheet
737Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3085 TOSHIBA-2SK3085 Datasheet
207Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2231Q TOSHIBA-2SK2231Q Datasheet
810Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2700 TOSHIBA-2SK2700_09 Datasheet
410Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_10 Datasheet
415Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com