Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L256NUX-WTR Datasheet(PDF) 9 Page - Rohm

Part # BR24L256NUX-WTR
Description  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L256NUX-WTR Datasheet(HTML) 9 Page - Rohm

Back Button BR24L256NUX-WTR Datasheet HTML 5Page - Rohm BR24L256NUX-WTR Datasheet HTML 6Page - Rohm BR24L256NUX-WTR Datasheet HTML 7Page - Rohm BR24L256NUX-WTR Datasheet HTML 8Page - Rohm BR24L256NUX-WTR Datasheet HTML 9Page - Rohm BR24L256NUX-WTR Datasheet HTML 10Page - Rohm BR24L256NUX-WTR Datasheet HTML 11Page - Rohm BR24L256NUX-WTR Datasheet HTML 12Page - Rohm BR24L256NUX-WTR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Technical Note
9/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
I
2C BUS communication
I
2C BUS data communication
I
2C BUS data communication starts by start condition input, and ends by stop condition input. Data is always 8bit long,
and acknowledge is always required after each byte. I
2C BUS carries out data transmission with plural devices
connected by 2 communication lines of serial data (SDA) and serial clock (SCL).
Among devices, there are “master” that generates clock and control communication start and end, and “slave” that is
controlled by address peculiar to devices. EEPROM becomes “slave”. And the device that outputs data to bus during
data communication is called “transmitter”, and the device that receives data is called “receiver”.
Fig.35 Data transfer timing
Start condition (Start bit recognition)
Before executing each command, start condition (start bit) where SDA goes from 'HIGH' down to 'LOW' when SCL is
'HIGH' is necessary.
This IC always detects whether SDA and SCL are in start condition (start bit) or not, therefore, unless this confdition is
satisfied, any command is executed.
Stop condition (stop bit recongnition)
Each command can be ended by SDA rising from 'LOW' to 'HIGH' when stop condition (stop bit), namely, SCL is 'HIGH'
Acknowledge (ACK) signal
This acknowledge (ACK) signal is a software rule to show whether data transfer has been made normally or not. In
master and slave, the device (μ-COM at slave address input of write command, read command, and this IC at data
output of read command) at the transmitter (sending) side releases the bus after output of 8bit data.
The device (this IC at slave address input of write command, read command, and μ-COM at data output of read
command) at the receiver (receiving) side sets SDA 'LOW' during 9 clock cycles, and outputs acknowledge signal (ACK
signal) showing that it has received the 8bit data.
This IC, after recognizing start condition and slave address (8bit), outputs acknowledge signal (ACK signal) 'LOW'.
Each write action outputs acknowledge signal (ACK signal) 'LOW', at receiving 8bit data (word address and write data).
Each read action outputs 8bit data (read data), and detects acknowledge signal (ACK signal) 'LOW'.
When acknowledge signal (ACK signal) is detected, and stop condition is not sent from the master (μ-COM) side, this
IC continues data output. When acknowledge signal (ACK signal) is not detected, this IC stops data transfer, and
recognizes stop cindition (stop bit), and ends read action. And this IC gets in status.
Device addressing
Output slave address after start condition from master.
The significant 4 bits of slave address are used for recognizing a device type. The device code of this IC is fixed to '1010'.
Next slave addresses (A2 A1 A0 --- device address) are for selecting devices, and plural ones can be used on a same
bus according to the number of device addresses.
The most insignificant bit (R/W --- READ / WRITE) of slave address is used for designating write or read action, and is
as shown below.
Setting R / W to 0 ------- write (setting 0 to word address setting of random read)
Setting R / W to 1 ------- read
PS, P0~P2 are page select bits.
Note) Up to 4 units BR24L04-W, up to 2 units of BR24L08-W, and one unit of BR24L16-W can be connected.
Device address is set by 'H' and 'L' of each pin of A0, A1, and A2.
Type
Slave address
Maximum number of
connected buses
BR24L01A-W
1 0 1 0 A2 A1 A0 R/W
8
BR24L02-W
1 0 1 0 A2 A1 A0 R/W
8
BR24L04-W
1 0 1 0 A2 A1 PS R/W
4
BR24L08-W
1 0 1 0 A2 P1 P0 R/W
2
BR24L16-W
1 0 1 0 P2 P1 P0 R/W
1
BR24L32-W
1 0 1 0 A2 A1 A0 R/W
8
BR24L64-W
1 0 1 0 A2 A1 A0 R/W
8
89
89
89
S
P
condition
condition
ACK
STOP
ACK
DATA
DATA
ADDRESS
START
R/W
ACK
1-7
SDA
SCL
1-7
1-7


Similar Part No. - BR24L256NUX-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L01 ROHM-BR24L01 Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L01A-W ROHM-BR24L01A-W Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L01A-W ROHM-BR24L01A-W Datasheet
315Kb / 6P
   I2C BUS 1Kbit (128 x 8bit) EEPROM
BR24L01A-W ROHM-BR24L01A-W Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24L01A-W ROHM-BR24L01A-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
More results

Similar Description - BR24L256NUX-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com