Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2865 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK2865
Description  Chopper Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2865 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK2865_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2865
2010-02-05
5
=
DD
VDSS
VDSS
AS
V
B
B
I
L
2
1
E
2
RG = 25 Ω
VDD = 90 V, L = 41 mH


Similar Part No. - 2SK2865_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2865_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_09 Datasheet
409Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4002 TOSHIBA-2SK4002_09 Datasheet
415Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SJ464 TOSHIBA-2SJ464_09 Datasheet
202Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_10 Datasheet
427Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2719 TOSHIBA-2SK2719_09 Datasheet
187Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4018 TOSHIBA-2SK4018_08 Datasheet
737Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3085 TOSHIBA-2SK3085 Datasheet
207Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2231Q TOSHIBA-2SK2231Q Datasheet
810Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2700 TOSHIBA-2SK2700_09 Datasheet
410Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com