Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1T98DBVTE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AUP1T98DBVTE4
Description  SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T98DBVTE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1T98DBVTE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AUP
LVC
AUP
AUP
LVC
Static-Power Consumption
(
µA)
Dynamic-Power Consumption
(pF)
Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
† AUP1G08 data at C
L = 15 pF
Switching Characteristics
at 25 MHz
Output
Input
SN74AUP1T98
SCES614H – OCTOBER 2004 – REVISED MAY 2010
www.ti.com
Ioff is a feature that allows for powered-down conditions (VCC = 0 V) and is important in portable and mobile
applications. When VCC = 0 V, signals in the range from 0 V to 3.6 V can be applied to the inputs and outputs of
the device. No damage occurs to the device under these conditions.
The SN74AUP1T98 is designed with optimized current-drive capability of 4 mA to reduce line reflections,
overshoot, and undershoot caused by high-drive outputs.
NanoStar package technology is a major breakthrough in IC packaging concepts, using the die as the package.
ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP1T98YZPR
_ _ _TK_
0.23-mm Large Bump – YZP (Pb-free)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP1T98YFPR
_ _ _TK_
0.23-mm Large Bump – YFP
–40°C to 85°C
QFN – DRY
Reel of 5000
SN74AUP1T98DRYR
TK
uQFN – DSF
Reel of 5000
SN74AUP1T98DSFR
TK
SOT (SOT-23) – DBV
Reel of 3000
SN74AUP1T98DBVR
HT6_
SOT (SC-70) – DCK
Reel of 3000
SN74AUP1T98DCKR
TK_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
● = Pb-free).
FUNCTION SELECTION TABLE
LOGIC FUNCTION
FIGURE NO.
2-to-1 data selector
5
2-input AND gate
6
2-input OR gate with one inverted input
7
2-input NAND gate with one inverted input
7
2-input AND gate with one inverted input
8
2-input NOR gate with one inverted input
8
2-input OR gate
9
Inverter
10
Noninverted buffer
11
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1T98


Similar Part No. - SN74AUP1T98DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T98DBVTE4 TI-SN74AUP1T98DBVTE4 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
More results

Similar Description - SN74AUP1T98DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57_1 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57 Datasheet
933Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97 Datasheet
333Kb / 15P
[Old version datasheet]   SINGLE SUPPLY VOLTAGE LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNTIONS
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com