Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA-0283 Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # CXA-0283
Description  DC-AC INVERTER UNIT 15W QUAD OUTPUT WITH DIMMING FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0283 Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  CXA-0283 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0283 Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-0283 Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-0283 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CXA-0283 (15W QUAD OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMINARY INFORMATION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 3 / 4 )
VER, 04 October 2002
Voltage Dimming Type
APPLICATION (for example)
CN1-1.2
Vin
CN1-3.4
GND
CN1-6
Vst
Vin 10.8~13.2V
Q
C
T1
6
9
1
2
3
4
5
V
1000:1
PROBE
V
Iin
A
F
T2
6
9
1
2
3
4
5
CN1-5
Vbr
Vbr 0~2.5V
CN1-7
Vrmt
C
C
V
a
SW
b
Vrmt 5V
CN2-1
Vhigh1
RL
A
CN3-2
Vlow2
CN3-1
Vlow1
RL
CN2-2
Vhigh2
A
Iout2
Iout1
CN4-1
Vhigh3
RL
A
CN5-2
Vlow4
CN5-1
Vlow3
RL
CN4-2
Vhigh4
A
Iout4
Iout3
C
TEST CIRCUIT:


Similar Part No. - CXA-0283

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0286 POWER-SYSTEMS-CXA-0286 Datasheet
162Kb / 2P
   DC-AC INVERTER UNIT 15W THREE OUTPUTS WITH DIMMING FUNCTION
More results

Similar Description - CXA-0283

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0286 POWER-SYSTEMS-CXA-0286 Datasheet
162Kb / 2P
   DC-AC INVERTER UNIT 15W THREE OUTPUTS WITH DIMMING FUNCTION
CXA-0349 POWER-SYSTEMS-CXA-0349 Datasheet
226Kb / 3P
   DC-AC INVERTER UNIT QUAD OUTPUTS WITH DIMMING FUNCTION
CXA-0317 POWER-SYSTEMS-CXA-0317 Datasheet
134Kb / 3P
   DC-AC INVERTER UNIT 18W QUAD OUTPUTS WITH DIMMING FUNCTION
CXA-0315 POWER-SYSTEMS-CXA-0315 Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 21W QUAD OUTPUTS WITH DIMMING FUNCTION
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0624-VJL POWER-SYSTEMS-CXA-L0624-VJL Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VML POWER-SYSTEMS-CXA-L0612A-VML Datasheet
34Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0271 POWER-SYSTEMS-CXA-0271 Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 6W DOUBLE OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com