Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA-0359R Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # CXA-0359R
Description  DC-AC INVERTER UNIT 8 W DUAL OUTPUTS WITH DIMMING FUNCTION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0359R Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  CXA-0359R Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0359R Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-0359R Datasheet HTML 3Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DC-AC INVERTER UNIT
CXA-0359(R) (8 W DUAL OUTPUTS WITH DIMMING FUNCTION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (3)
Version 1.2.1, 15th May 2007
(PRELIMINARY INFORMATION)
TEST CIRCUIT :
SW2
Unit operation
a
Voltage dim m ing
Vbr= 0 ~ 2.5V (Vbr=0V : M ax Brightness)
b
Variable res is tance dim m ing
Rbr= 0 ~ 10k
(Rb r=0
: M ax B rig ht ness)
SW1
Operation of unit
a
Operation
b
Non operation
Open
Operation
SW 3
Unit operation
a
High-m ode
(Lam p current 7m Arm s /Lam p)
b
Low-m ode
(Lamp current 5mA rms/ Lamp )
Open
Low-m ode
(Lamp current 5mA rms/ Lamp )
Load condition
Alarm output Shut-down function*
2
(CN1-8)*
1
Normal condition 0.5V max.
Does not shut down
W hen one load
5±0.5V
Does not shut down
(lamp) is run-out
W hen 2 loads
5±0.5V
Shut down
(lamps) is run-out
*1: In the case of low mode, and more than one of SW4 – SW6 in the
connection diagramm was open, alarm signal will output 5V. (Please
make CN1-8 opening in a high mode)
*2 : When all lamps were opened, this inverter has included
protective function to stop operation in about 10 seconds


Similar Part No. - CXA-0359R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-0359 TDK-CXA-0359 Datasheet
256Kb / 3P
   Dimming/Connector Type
More results

Similar Description - CXA-0359R

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0384 POWER-SYSTEMS-CXA-0384 Datasheet
226Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0375 POWER-SYSTEMS-CXA-0375 Datasheet
182Kb / 2P
   DC-AC INVERTER UNIT 6.3 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0373 POWER-SYSTEMS-CXA-0373 Datasheet
186Kb / 2P
   DC-AC INVERTER UNIT 7.5 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0374 POWER-SYSTEMS-CXA-0374 Datasheet
178Kb / 2P
   DC-AC INVERTER UNIT 7 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0377 POWER-SYSTEMS-CXA-0377 Datasheet
192Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0217 POWER-SYSTEMS-CXA-0217 Datasheet
57Kb / 4P
   DC-AC INVERTER UNIT 7W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0338 POWER-SYSTEMS-CXA-0338 Datasheet
99Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0326 POWER-SYSTEMS-CXA-0326 Datasheet
39Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0308 POWER-SYSTEMS-CXA-0308 Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0321 POWER-SYSTEMS-CXA-0321 Datasheet
126Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com