Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8402 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCF8402
Description  Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8402 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TPCF8402 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 9Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPCF8402
2009-12-10
6
P-channel
Drain-source voltage VDS (V)
Capacitance – VDS
-0.1
10
100
1000
-1
-3 -5
-10
-30 -50 -100
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Ambient temperature Ta (°C)
Vth – Ta
0
-0.5
-1.0
-1.5
-2.0
−80
−40
0
40
80
120
160
Common source
VDS = -10 V
ID = -1mA
Pulse test
Ambient temperature Ta (°C)
PD – Ta
0
0.1
Common source
Ta
= 25°C
Pulse test
0.3
0.3
0.5
1
3
5
10
0.9
1.2
VGS = 0 V
-5.0
-3.0
-1.0
-10
0.6
1.5
2.0
0.8
0
0
40
80
120
160
0.4
1.2
1.6
200
Device mounted on a glass-epoxy board (a) (Note 2a)
(1)Single-device operation (Note 3a)
(2)Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3)Single-device operation (Note 3a)
(4)Single-device value at dual operation (Note 3b)
t=
5s
(1)
(2)
(3)
(4)
Total gate charge Qg (nC)
Dynamic input/output
characteristics
0
4
8
Common
source
ID = -3.2 A
Ta
= 25°C
Pulse test
VDD = -24V
VDS
VGS
12
16
-25
-10
0
-15
-20
-15
-10
0
-12
-6
-24
-12
VDD = -6V
-5
-5
-30
160
−40
0
40
80
120
−80
150
120
60
30
0
90
VGS = -10V
VGS = -4.5V
ID = -0.8A, -1.6A, -3.2A
ID = -0.8A, -1.6A, -3.2A
Common source
Pulse test


Similar Part No. - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results

Similar Description - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
logo
Sanyo Semicon Device
2SK1896 SANYO-2SK1896 Datasheet
82Kb / 3P
   DC-DC Converter, Motor Drive Applications
logo
Toshiba Semiconductor
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
   Motor Drive Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com