Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA-0384 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # CXA-0384
Description  DC-AC INVERTER UNIT 8 W DUAL OUTPUTS WITH DIMMING FUNCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0384 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CXA-0384 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0384 Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC-AC INVERTER UNIT
CXA-0384 (8 W DUAL OUTPUTS WITH DIMMING FUNCTION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page (2)
VER 1-1 TO, 03 Nov 2004
(PRELIMINARY INFORMATION)
Vin (V)
Vrmt
(V)
Vbr (V) Tu (°C)
Min.
Typ.
Max.
Output Current
Iout1
12.0±1.2
5±0.05
0
0 ~ +70
6.0
6.5
7.0
m Arm s
M ax
Output Current
Iout2
12.0±1.2
5±0.05
2.5
0 ~ +70
2.3
3.0
3.7
m Arm s
M ax
Input Current
Iin1
12.0±1.2
5±0.05
0
0 ~ +70
-
0.9
1.0
Adc
Input Current
Iin2
12.0±1.2
0
0 ~ 2.5 0 ~ +70
-
-
1
m Adc
Remo t e Of f
Frequency
F1
12.0±1.2
5±0.05
0
0 ~ +70
45
50
55
kHz
Frequency (Duty)
F2
12.0±1.2
5±0.05
2.5
0 ~ +70
240
270
300
Hz
Open Circuit Voltage
Vopen
12.0±1.2
5±0.05
0
0 ~ +70 1.500
1.600
-
kVrm s
12.0±1.2
5±0.05
0
0 ~ +70
0.0
0.1
0.5
Vdc
No rmal
12.0±1.2
5±0.05
0 ~ 2.5 0 ~ +70
4.5
5.1
5.5
Vdc
o p erat io n
A larm Sig nal
Alarm Signal
Vs t
Unit
Note
Parameters
Symbols
Conditions
Specification
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked
on mechanical drawing and any conductors.
RL1,2:Load resistance (7W MIN.)
CL1,2:Stray capacitor (3kV MIN.)
CN1-1.2
Vin
CN1-3.4
GND
CN1-6
Vst
Q8
T1
6
9
1
2
3
4
5
1000:1
CN1-7
Vrmt
Iin
Vst
a
b
SW1
Vrmt
5V
Vin
10.8~13.2V
V
A
V
V
F
V
~
C08
C09
CL1
CN2-1
Vhigh1
RL1
CN3-1
Vlow1
Iout1
A
~
CL2
CN2-2
Vhigh2
RL2
CN3-2
Vlow2
Iout2
A
~
CN1-5
Vbr
a
b
SW2
V
Vbr
0~2.5V
Rbr
0~50kW
(0.025W~)
SW3
SW4
SW5
SW6
SW1
a
b
OPEN
Operation of Unit
Operation
Non Operation
Non Operation
SW2
a
b
Operation of Unit
Voltage dimming
Vbr=0~2.5V
(Vbr=0V : Max Brightness)
Variable resistance dimming
Rbr=0~50k
(Rbr=0
Ω : Max Brightness)


Similar Part No. - CXA-0384

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0385 POWER-SYSTEMS-CXA-0385 Datasheet
107Kb / 2P
   DC-AC INVERTER UNIT 16 W QUAD OUTPUTS WITH DIMMING FUNCTION
More results

Similar Description - CXA-0384

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0359 POWER-SYSTEMS-CXA-0359 Datasheet
152Kb / 3P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0375 POWER-SYSTEMS-CXA-0375 Datasheet
182Kb / 2P
   DC-AC INVERTER UNIT 6.3 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0373 POWER-SYSTEMS-CXA-0373 Datasheet
186Kb / 2P
   DC-AC INVERTER UNIT 7.5 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0374 POWER-SYSTEMS-CXA-0374 Datasheet
178Kb / 2P
   DC-AC INVERTER UNIT 7 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0377 POWER-SYSTEMS-CXA-0377 Datasheet
192Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0217 POWER-SYSTEMS-CXA-0217 Datasheet
57Kb / 4P
   DC-AC INVERTER UNIT 7W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0338 POWER-SYSTEMS-CXA-0338 Datasheet
99Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0326 POWER-SYSTEMS-CXA-0326 Datasheet
39Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0308 POWER-SYSTEMS-CXA-0308 Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0321 POWER-SYSTEMS-CXA-0321 Datasheet
126Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com