Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA-2081 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # CXA-2081
Description  DC-AC Inverters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-2081 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CXA-2081 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-2081 Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC-AC
Inverters
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email: Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 2 / 2 )
VER, 04 October 2002
Voltage Dimming (Normal Mode)
APPLICATION (for example)
ELECTRICAL CHARACTERISTICS :
Resistor Dimming (Normal Mode)
Vin
8~16V
Vrmt
8~16V
Vbr
0~2V
SW On : Active
SW off : Non-Active
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(Vbr)
CN1-5(Vsave)
CCFL
RL
CN2-1(Vhigh)
CN2-3(Vlow)
Iout
10k
Vin
8~16V
Vrmt
5~16V
SW On : Active
SW off : Non-Active
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(Vbr)
CN1-5(Vsave)
CCFL
RL
CN2-1(Vhigh)
CN2-3(Vlow)
Iout
Vbr
2V
High Power Mode
Normal Mode
Normal Mode (CN1-5 : Open)
Parameters
Symbol
Vin (V)
Vbr (V)
Ta (ºC)
RL (k
Ω)
min.
typ.
max.
Note
Conditions
Specifications
mArms
8~16
0
±0.05
0~50
140
±5
2.6
3.5
3.9
Output Current
(Lamp Current)
Iout
Max. Brightness
23
±5
2.5
4.0
12
±0.05
2
±0.05
140
±5
0.5
1.0
1.5
Unit
Min. Brightness
0~2
0~50
-
200
400
mA
Input Current
Iin
45
55
65
kHz
Frequency
FL
1500
1600
-
Vrms
Open Voltage
Vopen
140
±5
8~16
High Power Mode (CN1-5 : 0V)
Parameters
Symbol
Vin (V)
Vbr (V)
Ta (ºC)
RL (k
Ω)
min.
typ.
max.
Note
Conditions
Specifications
mArms
8~16
0
±0.05
0~50
70
±5
6.6
7.0
7.4
Output Current
(Lamp Current)
Iout
Max. Brightness
23
±5
6.5
7.5
12
±0.05
3
±0.05
70
±5
2.5
3.0
3.5
Unit
Min. Brightness
0~3
0~50
-
400
700
mA
Input Current
Iin
45
55
65
kHz
Frequency
FL
1500
1600
-
Vrms
Open Voltage
Vopen
70
±5
8~16
0
12
34
5
Vbr (Vdc)
Voltage Dimming (High Power Mode)
Vin
8~16V
Vrmt
8~16V
Vbr
0~3V
SW On : Active
SW off : Non-Active
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(Vbr)
CN1-5(Vsave)
CCFL
RL
CN2-1(Vhigh)
CN2-3(Vlow)
Iout
Resistor Dimming (High Power Mode)
10k
Vin
8~16V
Vrmt
5~16V
SW On : Active
SW off : Non-Active
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(Vbr)
CN1-5(Vsave)
CCFL
RL
CN2-1(Vhigh)
CN2-3(Vlow)
Iout
Vbr
3V


Similar Part No. - CXA-2081

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0214 POWER-SYSTEMS-CXA-0214 Datasheet
109Kb / 2P
   DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
logo
Power Systems GmbH+Co.K...
CXA-0217 POWER-SYSTEMS-CXA-0217 Datasheet
57Kb / 4P
   DC-AC INVERTER UNIT 7W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0231 POWER-SYSTEMS-CXA-0231 Datasheet
169Kb / 4P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH WIDE DIMMING FUNCTION
logo
TDK Electronics
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
More results

Similar Description - CXA-2081

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
OCGL2K-12-120 NOVA-OCGL2K-12-120 Datasheet
724Kb / 2P
   DC-AC INVERTERS
CGD3.5K NOVA-CGD3.5K Datasheet
497Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP2K NOVA-CGP2K Datasheet
485Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
G5060-240 NOVA-G5060-240 Datasheet
499Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
RCGL3K-24-120 NOVA-RCGL3K-24-120 Datasheet
626Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
1260-120 NOVA-1260-120 Datasheet
292Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGD2.5K NOVA-CGD2.5K Datasheet
494Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP700W NOVA-CGP700W Datasheet
480Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
GH5060-72 NOVA-GH5060-72 Datasheet
470Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGD1.5K NOVA-CGD1.5K Datasheet
576Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com