Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6105 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPC6105
Description  Silicon P Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6105 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPC6105 Datasheet HTML 1Page - Toshiba Semiconductor TPC6105 Datasheet HTML 2Page - Toshiba Semiconductor TPC6105 Datasheet HTML 3Page - Toshiba Semiconductor TPC6105 Datasheet HTML 4Page - Toshiba Semiconductor TPC6105 Datasheet HTML 5Page - Toshiba Semiconductor TPC6105 Datasheet HTML 6Page - Toshiba Semiconductor TPC6105 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC6105
2006-11-17
6
Pulse width tw (s)
rth – tw
Drain-source voltage VDS (V)
Safe operating area
−0.1
−0.1
−1
−10
−100
−1
−10
−100
10 ms*
ID max (pulsed)*
VDSS max
1 ms*
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature
0.1
0.001
0.01
0.1
10
100
1000
1
0.3
3
30
100
300
1000
Single pulse
Device mounted on a glass-
epoxy board (b) (Note 2b)
1
Device mounted on a glass-
epoxy board (a) (Note 2a)
10


Similar Part No. - TPC6105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6105 VBSEMI-TPC6105 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC6105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPC8112 TOSHIBA-TPC8112 Datasheet
258Kb / 4P
   Field Effect Transistor Silicon P Channel MOS Type(U-MOS III)
TPCF8102 TOSHIBA-TPCF8102 Datasheet
224Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCA8105 TOSHIBA-TPCA8105 Datasheet
291Kb / 7P
   Silicon P Channel MOS Type (U-MOS III) Notebook PC Applications
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com