Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847A Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BC847A
Description  GENERAL PURPOSE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BC847A Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BC847A Datasheet HTML 1Page - Zowie Technology Corporation BC847A Datasheet HTML 2Page - Zowie Technology Corporation BC847A Datasheet HTML 3Page - Zowie Technology Corporation BC847A Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Zowie Technology Corporation
General Purpose Transistor
NPN Silicon
BC847A,B,C
1
2
1
2
3
3
SOT-23
Rating
Symbol
Value
Unit
Characteristic
Collector-Emitter Voltage
VCEO
45
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current-Continuous
IC
100
mAdc
Characteristic
Symbol
Max.
Unit
Total Device Dissipation FR-5 Board
(1) TA=25
o
C
Derate above 25
o
C
PD
225
1.8
mW
mW /
oC
Total Device Dissipation Alumina Substrate,
(2) TA=25
o
C
Derate above 25
o
C
PD
300
2.4
mW
mW /
oC
Thermal Resistance Junction to Ambient
556
oC / W
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
DEVICE MARKING
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
OFF CHARACTERISTICS
R JA
Thermal Resistance Junction to Ambient
417
oC / W
R JA
Junction and Storage Temperature
Collector-Emitter Breakdowe Voltage
( IC=10 uA, VEB=0 )
Collector-Base Breakdowe Voltage
( IC=10 uA )
Collector-Emitter Breakdowe Voltage
( IC=10mA )
Emitter-Base Breakdowe Voltage
( IE=1.0 uA )
Symbol
V(BR)CES
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
Min.
50
45
50
6.0
-
-
Max.
-
-
-
-
15
5.0
Typ.
-
-
-
-
-
-
Unit
Vdc
Vdc
Vdc
Vdc
nAdc
uAdc
Collector Cutoff Current
( VCB=30 V )
( VCB=30 V, TA = 150
oC )
BC847A=1E; BC847B=1F; BC847C=1G
-55 to +150
oC
TJ,TSTG
Zowie Technology Corporation
REV. : 0
EMITTER
BASE
COLLECTOR
(1) FR-5=1.0 x 0.75 x 0.062in.
(2) Alumina=0.4 x 0.3 x 0.024in. 99.5% alumina.


Similar Part No. - BC847A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BC847A KEXIN-BC847A Datasheet
1Mb / 3P
   NPN Transistors
logo
ON Semiconductor
BC847A ONSEMI-BC847A Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Diotec Semiconductor
BC847A DIOTEC-BC847A Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
Weitron Technology
BC847A WEITRON-BC847A Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
Diodes Incorporated
BC847A DIODES-BC847A Datasheet
452Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 22 - 2
More results

Similar Description - BC847A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com