Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7621BCSA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # ICL7621BCSA
Description  Single/Dual/Triple/Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7621BCSA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button ICL7621BCSA Datasheet HTML 3Page - Maxim Integrated Products ICL7621BCSA Datasheet HTML 4Page - Maxim Integrated Products ICL7621BCSA Datasheet HTML 5Page - Maxim Integrated Products ICL7621BCSA Datasheet HTML 6Page - Maxim Integrated Products ICL7621BCSA Datasheet HTML 7Page - Maxim Integrated Products ICL7621BCSA Datasheet HTML 8Page - Maxim Integrated Products ICL7621BCSA Datasheet HTML 9Page - Maxim Integrated Products ICL7621BCSA Datasheet HTML 10Page - Maxim Integrated Products ICL7621BCSA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (Single/Dual) (continued)
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
ICL76XXA
ICL76XXB
ICL76XXD
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TA =
+25°C
±4.9
±4.9
±4.9
C: 0°C
TA
+70°C
±4.8
±4.8
±4.8
E: -40°C
≤ TA
+85°C
±4.7
±4.7
±4.7
IQ =
10µA,
RL =
1M
(Note 3)
M: -55°C
≤ TA
+125°C
±4.7
±4.7
±4.7
TA =
+25°C
±4.9
±4.9
±4.9
C: 0°C
TA
+70°C
±4.8
±4.8
±4.8
E: -40°C
≤ TA
+85°C
±4.5
±4.5
±4.5
IQ =
100µA,
RL =
100k
M: -55°C
≤ TA
+125°C
±4.5
±4.5
±4.5
TA =
+25°C
±4.5
±4.5
±4.5
C: 0°C
TA
+70°C
±4.3
±4.3
±4.3
E: -40°C
≤ TA
+85°C
±4.0
±4.0
±4.0
Output Voltage
Swing
VOUT
IQ =
1mA, RL
= 10k
(Note 3)
M: -55°C
≤ TA
+125°C
±4.0
±4.0
±4.0
V


Similar Part No. - ICL7621BCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7621BCSA MAXIM-ICL7621BCSA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7621BCSA MAXIM-ICL7621BCSA Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7621BCSA MAXIM-ICL7621BCSA Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL7621BCSA MAXIM-ICL7621BCSA Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results

Similar Description - ICL7621BCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP292 AD-OP292_02 Datasheet
516Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com