Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R01B Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT48R01B
Description  Small Package 8-Bit OTP MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01B Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT48R01B Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R01B Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R01B Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01B Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R01B Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R01B Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R01B Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R01B Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R01B Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
A/D Converter Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
DNL
A/D Converter Differential
Non-Linearity
3V
tAD=0.5
ms
-2
¾
2
LSB
5V
INL
A/D Converter Integral
Non-Linearity
3V
tAD=0.5
ms
-4
¾
4
LSB
5V
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
0.75
mA
5V
¾
1.0
1.5
mA
Power-on Reset Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure
Power-on Reset
¾¾
¾
¾
100
mV
RRVDD
VDD raising rate to Ensure
Power-on Reset
¾¾
0.035
¾¾
V/ms
tPOR
Minimum Time for VDD Stays at
VPOR to Ensure Power-on Reset
¾¾
1
¾¾
ms
HT46R01B/02B/01N/02N
HT48R01B/02B/01N/02N
Rev.1.10
10
February 12, 2010
T i m e
V D D
V P O R
R R V D D
t P O R


Similar Part No. - HT48R01B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R01B HOLTEK-HT48R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R01B-1 HOLTEK-HT48R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
More results

Similar Description - HT48R01B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
   Small Package A/D Type 8-Bit OTP MCU
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
   Small Package I/O Type 8-Bit OTP MCU
HT46R01C HOLTEK-HT46R01C Datasheet
534Kb / 14P
   Small Form 8-Bit OTP MCU
Rev. 0.00 August 31, 2009
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com