Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT24LC04 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT24LC04
Description  CMOS 4K 2-Wire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC04 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT24LC04_10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC04_10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC04_10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC04_10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC04_10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC04_10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC04_10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT24LC04_10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT24LC04_10 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Package Information
8-pin DIP (300mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.355
¾
0.375
B
0.240
¾
0.260
C
0.125
¾
0.135
D
0.125
¾
0.145
E
0.016
¾
0.020
F
0.050
¾
0.070
G
¾
0.100
¾
H
0.295
¾
0.315
I
¾
0.375
¾
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
9.02
¾
9.53
B
6.10
¾
6.60
C
3.18
¾
3.43
D
3.18
¾
3.68
E
0.41
¾
0.51
F
1.27
¾
1.78
G
¾
2.54
¾
H
7.49
¾
8.00
I
¾
9.53
¾
HT24LC04
Rev. 1.60
7
May 6, 2010
8
5
4
1
A
B
C
D
E
F
G
H
I


Similar Part No. - HT24LC04_10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
More results

Similar Description - HT24LC04_10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT93LC66 HOLTEK-HT93LC66_07 Datasheet
135Kb / 12P
   CMOS 4K 3-Wire Serial EEPROM
HT93LC66 HOLTEK-HT93LC66_09 Datasheet
103Kb / 12P
   CMOS 4K 3-Wire Serial EEPROM
HT93LC66 HOLTEK-HT93LC66 Datasheet
373Kb / 10P
   4K 3-Wire CMOS Serial EEPROM
HT93LC66 HOLTEK-HT93LC66_04 Datasheet
161Kb / 12P
   CMOS 4K 3-Wire Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Sanyo Semicon Device
LE24C043 SANYO-LE24C043 Datasheet
219Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
   CMOS 2-WIRE SERIAL EEPROM
logo
Sanyo Semicon Device
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com