Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R22E Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45R22E
Description  Remote Type 8-bit OTP MCU with EEPROM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R22E Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45R22E Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
HT45R22E
Rev. 1.00
9
March 17, 2010
System Architecture
A key factor in the high-performance features of the
Holtek range of microcontrollers is attributed to the inter-
nal system architecture. The range of devices take ad-
vantage of the usual features found within RISC
microcontrollers providing increased speed of operation
and enhanced performance. The pipelining scheme is
implemented in such a way that instruction fetching and
instruction execution are overlapped, hence instructions
are effectively executed in one cycle, with the exception
of branch or call instructions. An 8-bit wide ALU is used
in practically all operations of the instruction set. It car-
ries out arithmetic operations, logic operations, rotation,
increment, decrement, branch decisions, etc. The inter-
nal data path is simplified by moving data through the
Accumulator and the ALU. Certain internal registers are
implemented in the Data Memory and can be directly or
indirectly addressed. The simple addressing methods of
these registers along with additional architectural fea-
tures ensure that a minimum of external components is
required to provide a functional I/O control system with
maximum reliability and flexibility.
Clocking and Pipelining
The main system clock, derived from either a Crystal/
Resonator or RC oscillator is subdivided into four inter-
nally generated non-overlapping clocks, T1~T4. The
Program Counter is incremented at the beginning of the
T1 clock during which time a new instruction is fetched.
The remaining T2~T4 clocks carry out the decoding and
execution functions. In this way, one T1~T4 clock cycle
forms one instruction cycle. Although the fetching and
execution of instructions takes place in consecutive in-
struction cycles, the pipelining structure of the
microcontroller ensures that instructions are effectively
executed in one instruction cycle. The exception to this
are instructions where the contents of the Program
Counter are changed, such as subroutine calls or
jumps, in which case the instruction will take one more
instruction cycle to execute.
For instructions involving branches, such as jump or call
instructions, two instruction cycles are required to com-
plete instruction execution. An extra cycle is required as
the program takes one cycle to first obtain the actual
jump or call address and then another cycle to actually
execute the branch. The requirement for this extra cycle
should be taken into account by programmers in timing
sensitive applications.
F e t c h I n s t . ( P C )
E x e c u t e I n s t . ( P C - 1 )
F e t c h I n s t . ( P C + 1 )
E x e c u t e I n s t . ( P C )
F e t c h I n s t . ( P C + 2 )
E x e c u t e I n s t . ( P C + 1 )
P C
P C + 1
P C + 2
O s c i l l a t o r C l o c k
( S y s t e m C l o c k )
P h a s e C l o c k T 1
P r o g r a m C o u n t e r
P h a s e C l o c k T 2
P h a s e C l o c k T 3
P h a s e C l o c k T 4
P i p e l i n i n g
System Clocking and Pipelining
F e t c h I n s t . 1
E x e c u t e I n s t . 1
F e t c h I n s t . 2
F l u s h P i p e l i n e
1
2
3
4
5
6
D E L A Y :
M O V A , [ 1 2 H ]
C A L L D E L A Y
C P L [ 1 2 H ]
:
:
N O P
E x e c u t e I n s t . 2
F e t c h I n s t . 3
F e t c h I n s t . 6
E x e c u t e I n s t . 6
F e t c h I n s t . 7
Instruction Fetching


Similar Part No. - HT45R22E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R22E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
   Remote Type 8-Bit OTP MCU
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com