Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8021-H Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCA8021-H
Description  High Efficiency DC竊뢈C Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8021-H Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCA8021-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8021-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8021-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8021-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8021-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8021-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8021-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCA8021-H
2006-01-17
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCA8021-H
High Efficiency DC/DC Converter Applications
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to a small and thin package
• High speed switching
• Small gate charge: QSW = 6.9nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 6.8 mΩ (typ.)
• High forward transfer admittance: |Yfs| =46 S (typ.)
• Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
27
Drain current
Pulsed (Note 1)
IDP
81
A
Drain power dissipation (Tc=25℃)
PD
45
W
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
2.8
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.6
W
Single-pulse avalanche energy
(Note 3)
EAS
95
mJ
Avalanche current
IAR
27
A
Repetitive avalanche energy
(Tc=25℃) (Note 4)
EAR
2.7
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
0.5± 0.1
1.27
0.4±0.1
0.595
0.05 M
A
1
4
5
8
0.15±0.05
0.8±0.1
1.1±0.2
4.25±0.2
1
4
5
8
5.0±0.2
0.95±0.05
S
0.05
S
A
0.166±0.05
JEDEC
JEITA
TOSHIBA
2-5Q1A
Weight: 0.068 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4
1,2,3:SOURCE
4:GATE
5,6,7,8:DRAIN


Similar Part No. - TPCA8021-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCA8021-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
   Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
logo
Rohm
BD9123MUV ROHM-BD9123MUV Datasheet
140Kb / 5P
   1ch DC竊뢈C Converter IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com