Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8022-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCA8022-H
Description  Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8022-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCA8022-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8022-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8022-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8022-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8022-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8022-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8022-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCA8022-H
2007-02-09
5
Drain-source voltage VDS (V)
Capacitance – VDS
Drain-source voltage VDS (V)
IDR – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
RDS (ON) – Ta
Total gate charge Qg (nC)
Dynamic input/output
characteristics
0
0.1
−0.2
10
100
−0.6
−0.8
−1.0
VGS = 0 V
10
4.5
1
3
−0.4
1
Common source
Ta
= 25°C
Pulse test
10
0.1
100
1000
10000
1
10
100
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
160
0
1.5
3.0
6.0
−80
−40
0
40
80
120
4.5
Common source
VDS = 10 V
ID = 1 mA
Pulse test
40
20
10
0
100
40
20
60
80
0
0
10
30
VDD = 20 V
VDS
80
40
40
20
20
8
4
12
16
0
Common source
ID = 22 A
Ta
= 25°C
Pulse test
160
−40
0
40
80
120
−80
50
30
VGS = 10 V
ID = 5.5A,11A
Common source
Pulse test
22A


Similar Part No. - TPCA8022-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
   Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8020-H VBSEMI-TPCA8020-H Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCA8022-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8020-H TOSHIBA-TPC8020-H_06 Datasheet
458Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H Datasheet
88Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (Ultra High-Speed U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8014-H TOSHIBA-TPCA8014-H Datasheet
41Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
248Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCF8201 TOSHIBA-TPCF8201 Datasheet
187Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com