Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R73D-3 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R73D-3
Description  Dual Slope A/D Type 8-Bit OTP MCU with LCD
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R73D-3 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R73D-3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R73D-3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R73D-3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R73D-3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R73D-3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R73D-3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R73D-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R73D-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R73D-3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
HT46R73D-3
Dual Slope A/D Type 8-Bit OTP MCU with LCD
Rev. 1.10
1
April 19, 2010
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· Three system oscillators:
External Crystal oscillator
External RC oscillator
Internal RC oscillator
· Up to 16 bidirectional I/O lines
· One external interrupt input shard with an I/O lines
· One 8-bit and two 16-bit programmable timer/event
counter with overflow interrupt a 8-stage pre-scalar
· LCD driver with 16´4 segments
· 4K´15 program memory
· 128´8 data memory RAM
· Single differential input channel dual slope Analog to
Digital Converter with Operational Amplifier.
· Watchdog Timer with regulator power
· Buzzer output
· Internal 12kHz RC oscillator
· External 32.768kHz Crystal oscillator
· HALT function and wake-up feature reduce power
consumption
· Voltage regulator (3.3V) and charge pump
· Embeded voltage reference generator (1.5V)
· 4-level subroutine nesting
· Bit manipulation instruction
· 15-bit table read instruction
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· Low voltage reset function
· One vibration sensor input
· Four touch-key inputs
· 52-pin QFP package
General Description
The HT46R73D-3 is an 8-bit high performance, RISC
architecture microcontroller device specifically de-
signed for A/D with LCD applications that interface di-
rectly to analog signals, such as those from sensors.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, Dual slope A/D
converter, LCD display, HALT and wake-up functions,
watchdog timer, as well as low cost, enhance the versa-
tility of these devices to suit for a wide range of AD with
LCD application possibilities such as sensor signal pro-
cessing, scales, consumer products, subsystem con-
trollers, etc.


Similar Part No. - HT46R73D-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R73D-1 HOLTEK-HT46R73D-1 Datasheet
337Kb / 43P
   Dual Slope A/D Type MCU with LCD
HT46R73D-1A HOLTEK-HT46R73D-1A Datasheet
328Kb / 44P
   Dual Slope A/D Type MCU with LCD
More results

Similar Description - HT46R73D-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R75D-3 HOLTEK-HT46R75D-3 Datasheet
411Kb / 60P
   Dual Slope A/D Type 8-Bit OTP MCU with LCD
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
HT46R71D-1 HOLTEK-HT46R71D-1 Datasheet
347Kb / 46P
   Dual Slope A/D Type MCU with LCD
HT46R73D-1A HOLTEK-HT46R73D-1A Datasheet
328Kb / 44P
   Dual Slope A/D Type MCU with LCD
HT46RU75D-1 HOLTEK-HT46RU75D-1 Datasheet
472Kb / 59P
   Dual Slope A/D Type MCU with LCD
HT46R73D-1 HOLTEK-HT46R73D-1 Datasheet
337Kb / 43P
   Dual Slope A/D Type MCU with LCD
HT46R72D-1 HOLTEK-HT46R72D-1 Datasheet
346Kb / 44P
   Dual Slope A/D Type MCU with LCD
HT46R74D-1 HOLTEK-HT46R74D-1 Datasheet
333Kb / 48P
   Dual Slope A/D Type MCU with LCD
HT46R72D-1A HOLTEK-HT46R72D-1A Datasheet
325Kb / 44P
   Dual Slope A/D Type MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com