Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RU67 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46RU67
Description  A/D Type 8-Bit MCU with LCD
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RU67 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46RU67 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RU67 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RU67 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RU67 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RU67 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RU67 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46RU67 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46RU67 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46RU67 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
HT46RU67/HT46CU67
Rev. 1.10
8
May 27, 2010
Functional Description
Execution Flow
The system clock is derived from either a crystal or an
RC oscillator or a 32768Hz crystal oscillator. It is inter-
nally divided into four non-overlapping clocks. One in-
struction cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
The pipelining scheme allows each instruction to be ef-
fectively executed in a cycle. If an instruction changes
the value of the program counter, two cycles are re-
quired to complete the instruction.
Program Counter
- PC
The program counter is 15 bits wide and controls the se-
quence in which the instructions stored in the program
ROM are executed. The contents of the PC can specify
a maximum of 32768
´16 addresses.
After accessing a program memory word to fetch an in-
struction code, the value of the PC is incremented by 1.
The PC then points to the memory word containing the
next instruction code.
When executing instructions requiring jumps to
non-consecutive addresses such as a jump instruc-
tion,a subroutine call, interrupt or reset, etc., the
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow
Mode
Program Counter
*14 *13 *12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
000000000000000
External Interrupt 0 or
A/D Converter Interrupt
000000000000100
External Interrupt 1 or
Serial Interface Interrupt
000000000001000
Timer/Event Counter 0 Overflow
000000000001100
Timer/Event Counter 1 Overflow
000000000010000
UART Bus Interrupt or
Serial Interface Interrupt
000000000010100
Multi-function Interrupt
000000000011000
Skip
Program Counter + 2 (Within the current bank)
Loading PCL
*14 *13 *12 *11 *10
*9
*8
@7 @6 @5 @4 @3 @2 @1 @0
Jump, Call Branch
BP.6 BP.5 #12 #11 #10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S14 S13 S12 S11 S10 S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*14~*0: Program counter bits
S14~S0: Stack register bits
#12~#0: Instruction code bits
@7~@0: PCL bits
1 3 1 2
8 7
0
P r o g r a m C o u n t e r
B P
. 5
B a n k P o i n t e r ( B P )
B P
. 6
1 4


Similar Part No. - HT46RU67

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU67 HOLTEK-HT46RU67_14 Datasheet
2Mb / 68P
   100-pin LQFP
More results

Similar Description - HT46RU67

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com