Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R23 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT56R23
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R23 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT56R23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Rev. 1.00
1
March 11, 2010
General Description
These TinyPower
TM A/D Type 8-bit high performance
RISC architecture microcontrollers are specifically, de-
signed for applications that interface directly to analog sig-
nals. The devices include an integrated multi-channel
Analog to Digital Converter, Pulse Width Modulation and
and DAC outputs.
With their fully integrated SPI and I
2C functions, design-
ers are provided with a means of easy communication
with external peripheral hardware. The benefits of inte-
grated A/D, PWM and DAC functions, in addition to low
power consumption, high performance, I/O flexibility
and low-cost, provides the device with the versatility for
a wide range of products in the home appliance and in-
dustrial application areas. Some of these products
could include electronic metering, environmental moni-
toring, handheld instruments, electronically controlled
tools, motor driving in addition to many others.
The unique Holtek TinyPower technology also gives the
devices extremely low current consumption characteris-
tics, an extremely important consideration in the present
trend for low power battery powered applications. The
usual Holtek MCU features such as power down and
wake-up functions, oscillator options, programmable
frequency divider, etc. combine to ensure user applica-
tions require a minimum of external components.
Features
CPU Features
· Operating voltage:
fSYS= 32768Hz: 2.2V~5.5V
fSYS= 4MHz: 2.2V~5.5V
fSYS= 8MHz: 3.0V~5.5V
fSYS= 12MHz: 4.5V~5.5V
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· Idle/Sleep mode and wake-up functions to reduce
power consumption
· Oscillator types:
External 32768Hz Crystal -- LXT
External RC -- ERC
Internal 4/8/12MHz RC -- HIRC
External high frequency crystal -- HXT
Internal 32kHz RC -- LIRC
· Four operational modes: Normal, Slow, Idle, Sleep
· Fully integrated internal 4MHz, 8MHz and 12MHz os-
cillator requires no external components
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· Up to 12-level subroutine nesting
· Bit manipulation instruction
Peripheral Features
· OTP Program Memory: 2K´14 ~ 32K´16
· RAM Data Memory: 128´8 ~ 2304´8 Bits
· Watchdog Timer function
· Up to 50 bidirectional I/O lines
· 8 channel 12-bit ADC
· Up to 4 channel 12-bit PWM
· Software controlled 4-SCOM lines LCD driver with
1/2 bias
· Multiple pin-shared external interrupts
· Up to three 8-bit programmable Timer/Event Counter
with overflow interrupt and prescaler
· Up to one 16-bit programmable Timer/Event Counter
with overflow interrupt
· Serial Interfaces Module - SIM for SPI or I2C
· Time-Base functions
· Low voltage reset function
· Low voltage detect function
· PFD/Buzzer for audio frequency generation
· 12-bit Audio DAC output
· Wide range of available package types
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT56R23

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R23 HOLTEK-HT56R23 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R23 HOLTEK-HT56R23_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

Similar Description - HT56R23

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com