Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66FB40 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT66FB40
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB40 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT66FB40 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
RES
Reset input
CO
ST
¾
PB0
VDD
MCU power supply *
¾
PWR
¾¾
AVDD
A/D converter power supply *
¾
PWR
¾¾
VSS
MCU ground **
¾
PWR
¾¾
AVSS
A/D converter ground **
¾
PWR
¾¾
UDP
USB D+ pin
¾
ST
CMOS
¾
UDN
USB D- pin
¾
ST
CMOS
¾
V33O
3.3V regulator output pin
¾¾¾
¾
VDDU
USB power supply
¾
PWR
¾¾
VSSU
USB ground
¾
PWR
¾¾
NC
Not connected, can not be used
¾¾¾
¾
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output; NMOS: NMOS output
SCOM: Software controlled LCD COM; AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
*: VDD is the device power supply while AVDD and VDDU are the ADC and USB power supply respectively.
The AVDD and VDDU pins are bonded together internally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is bonded together internally
with VSS.
***: When the PINT, PCK and SPI functions are pin-shared remapping to PC4~PC5 and PD0~PD3 pins, the
SPI pins are to be used as the master SPI signal to communicate with the slave SPI in HT45B0K along with the
PINT and PCK pins used as the interrupt input and clock output connected to the SPI to USB chip to control the
overall USB functions.
HT66FB60
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
PB0~PB6
Port B
PBPU
ST
CMOS
¾
PC0~PC1,
PC6~PC7
Port C
PCPU
ST
CMOS
¾
PD4~PD5
Port D
PDPU
ST
CMOS
¾
PE0~PE7
Port E
PEPU
ST
CMOS
¾
PF0~PF7
Port F
PFPU
ST
CMOS
¾
PG0~PG1
Port G
PFPU
ST
CMOS
¾
AN0~AN11
A/D converter input
ACERL
ACERH
AN
¾
PA0~PA7, PE6~PE7,
PF0~PF1
VREF
A/D converter reference input
ADCR1
AN
¾
PB5
C0-
Comparator 0 input
CP0C
AN
¾
PA3
C0+
Comparator 0 input
AN
¾
PA2
HT66FB30/HT66FB40/HT66FB50/HT66FB60
Rev. 1.10
10
June 4, 2010


Similar Part No. - HT66FB40

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FB40 HOLTEK-HT66FB40 Datasheet
240Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU
More results

Similar Description - HT66FB40

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FB60A HOLTEK-HT66FB60A Datasheet
3Mb / 22P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM and USB Interface
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66FU60A HOLTEK-HT66FU60A Datasheet
3Mb / 23P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com