Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3799 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3799
Description  1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3799 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3799_10 Datasheet HTML 1Page - Maxim Integrated Products MAX3799_10 Datasheet HTML 2Page - Maxim Integrated Products MAX3799_10 Datasheet HTML 3Page - Maxim Integrated Products MAX3799_10 Datasheet HTML 4Page - Maxim Integrated Products MAX3799_10 Datasheet HTML 5Page - Maxim Integrated Products MAX3799_10 Datasheet HTML 6Page - Maxim Integrated Products MAX3799_10 Datasheet HTML 7Page - Maxim Integrated Products MAX3799_10 Datasheet HTML 8Page - Maxim Integrated Products MAX3799_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1Gbps to 14Gbps, SFP+ Multirate Limiting
Amplifier and VCSEL Driver
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.85V to 3.63V, TA = -40°C to +85°C, CML receiver output load is AC-coupled to differential 100
Ω, CAZ = 1nF, transmitter out-
put load is AC-coupled to differential 100
Ω (see Figure 1), typical values are at +25°C, VCC = 3.3V, IBIAS = 6mA, IMOD = 6mA, unless
otherwise specified. Registers are set to default values unless otherwise noted, and the 3-wire interface is static during measure-
ments. For testing, the RATE_SEL bit was used and the RSEL pin was left open.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Tx INPUT SPECIFICATIONS
Data rate = 1.0625Gbps
0.2
2.4
Differential Input Voltage
VIN
Data rate = 10.32Gbps
0.075
0.8
VP-P
Common-Mode Input Voltage
VINCM
2.75
V
Differential Input Resistance
RIN
75
100
125
DUT is powered on, f
5GHz
15
Input Return Loss
SDD11
DUT is powered on, f
16GHz
6
dB
DUT is powered on, 1GHz < f
5GHz
9
Input Return Loss
SCC11
DUT is powered on, 1GHz < f
16GHz
5
dB
Tx LASER MODULATOR
Maximum Modulation-On
Current into 100
Differential
Load
IMODMAX
Outputs AC-coupled, VCCTO
2.95V
12
mA
Minimum Modulation-On Current
into 100
Differential Load
IMODMIN
Outputs AC-coupled
2
mA
Modulation Current DAC
Stability
2mA
IMOD
12mA (Note 8)
4
%
Modulation Current Rise Time/
Fall Time
tR/tF
5mA
IMOD
10mA, 20% to 80%,
SET_TXDE[3:0] = 10 (Notes 2, 4)
26
39
ps
5mA
IMOD
12mA, at 10.32Gbps,
250mVP-P
VIN
800mVP-P,
SET_TXDE[3:0] = 0
6
12
5mA
IMOD
12mA, at 10.32Gbps,
250mVP-P
VIN
800mVP-P,
SET_TXDE[3:0] = 10
6
13
5mA
IMOD
12mA, at 8.5Gbps,
250mVP-P
VIN
800mVP-P,
SET_TXDE[3:0] = 0
6
12
5mA
IMOD
12mA, at 8.5Gbps,
250mVP-P
VIN
800mVP-P,
SET_TXDE[3:0] = 10
6
12
2mA
IMOD
12mA, at 4.25Gbps
5
Deterministic Jitter (Notes 2, 9)
DJ
2mA
IMOD
12mA, at 1.0625Gbps
5
ps
Random Jitter
5mA
IMOD
12mA, 250mVP-P
VIN
800mVP-P
0.17
0.5
psRMS
DUT is powered on, f
5GHz
12
Output Return Loss
SDD22
DUT is powered on, f
16GHz
5
dB
Tx BIAS GENERATOR
Maximum Bias-On Current
IBIASMAX
Current into BIAS pin
15
mA
Minimum Bias-On Current
IBIASMIN
Current into BIAS pin
2
mA


Similar Part No. - MAX3799_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799ETJ++ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3799ETJ++ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results

Similar Description - MAX3799_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
   4Channel 14Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
   1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
logo
Vitesse Semiconductor C...
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
   1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com