Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3799ETJ+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3799ETJ+
Description  1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3799ETJ+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3799ETJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1Gbps to 14Gbps, SFP+ Multirate Limiting
Amplifier and VCSEL Driver
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.85V to 3.63V, TA = -40°C to +85°C, CML receiver output load is AC-coupled to differential 100
Ω, CAZ = 1nF, transmitter out-
put load is AC-coupled to differential 100
Ω (see Figure 1), typical values are at +25°C, VCC = 3.3V, IBIAS = 6mA, IMOD = 6mA, unless
otherwise specified. Registers are set to default values unless otherwise noted, and the 3-wire interface is static during measure-
ments. For testing, the RATE_SEL bit was used and the RSEL pin was left open.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DUT is powered on, f
5GHz
11
Output Return Loss
SDD22
DUT is powered on, f
16GHz
5
dB
DUT is powered on, 1GHz < f
5GHz
9
Output Return Loss
SCC22
DUT is powered on, 1GHz < f
16GHz
7
dB
CML Differential Output Voltage
High
5mVP-P
VIN
1200mVP-P, SET_CML[162]
595
800
1005
mVP-P
CML Differential Output Voltage
Medium
10mVP-P
VIN
1200mVP-P, SET_CML[80]
300
400
515
mVP-P
CML Differential Output DAC
Limit
SET_CML[7:0]
215
Differential Output Signal When
Disabled
Outputs AC-coupled, VINMAX applied to
input VDIFF_ROUT = 800mVP-P at 8.5Gbps
(Notes 2, 3)
6
15
mVP-P
10mVP-P
VIN
1200mVP-P,
RATE_SEL = 1, VDIFF_ROUT = 400mVP-P
26
35
Data Output Transition Time
(20% to 80%)
(Notes 2, 3, 4)
tR/tF
5mVP-P
VIN
1200mVP-P,
RATE_SEL = 0, VDIFF_ROUT = 800mVP-P
60
100
ps
Rx TRANSFER CHARACTERISTICS
60mVP-P
VIN
400mVP-P at 10.32Gbps,
RATE_SEL = 1, VDIFF_ROUT = 400mVP-P
4
12
10mVP-P
VIN
1200mVP-P at 8.5Gbps,
RATE _SEL = 1, VDIFF_ROUT = 400mVP-P
4
12
Deterministic Jitter
(Notes 2, 3, 5)
DJ
5mVP-P
VIN
1200mVP-P at 1.25Gbps,
RATE _SEL = 0, VDIFF_ROUT = 800mVP-P
20
psP-P
Input = 60mVP-P at 1.25Gbps,
RATE_SEL = 0, VDIFF_ROUT = 800mVP-P
1.8
2.5
Random Jitter (Notes 2, 3)
RJ
Input = 60mVP-P at 8.5Gbps,
RATE _SEL = 1, VDIFF_ROUT = 400mVP-P
0.32
0.48
psRMS
CAZ = 0.1μF
2
Low-Frequency Cutoff
CAZ = open
500
kHz
Rx LOS SPECIFICATIONS
LOS Assert Sensitivity Range
14
77
mVP-P
LOS Hysteresis
10 x log(VDEASSERT/VASSERT) (Note 6)
1.25
2.1
dB
LOS Assert/Deassert Time
(Note 7)
2.3
80
μs
Low Assert Level
SET_LOS[7] (Notes 2, 6)
8
11
14
mVP-P
Low Deassert Level
SET_LOS[7] (Notes 2, 6)
14
18
21
mVP-P
Medium Assert Level
SET_LOS[32] (Notes 2, 6)
39
48
58
mVP-P
Medium Deassert Level
SET_LOS[32] (Notes 2, 6)
65
81
95
mVP-P
High Assert Level
SET_LOS[63] (Notes 2, 6)
77
94
112
mVP-P
High Deassert Level
SET_LOS[63] (Notes 2, 6)
127
158
182
mVP-P


Similar Part No. - MAX3799ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799ETJ++ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3799ETJ++ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results

Similar Description - MAX3799ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
   4Channel 14Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
   1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
logo
Vitesse Semiconductor C...
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
   1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com