Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT77S11 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT77S11
Description  High Efficiency Synchronous Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT77S11 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT77S11 Datasheet HTML 1Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 2Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 3Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 4Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 5Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 6Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HT77S10/HT77S11
High Efficiency Synchronous Step-Up DC/DC Converter
Selection Table
Part No.
Current Limit
Package
HT77S10
1.0A
8MSOP/SOP
HT77S11
0.55A
Rev. 1.10
1
March 11, 2010
Features
· Low start-up voltage: 0.7V (Typ.)
· High efficiency: HT77S10: 91% (Typ.)
at IOUT=200mA, VIN=2.4V, VOUT=3.3V
· High output voltage accuracy: ±4%
· Output voltage: 3.3V, 5.0V or Adjustable
· Low ripple and low noise
· Ultra low supply current: 20mA (Typ.)
· Low shutdown current: 1mA (Max.)
· Built-in voltage detector
· 8-pin MSOP/SOP packages
Applications
· Battery-powered equipment power source
· Power source for cameras, camcorders, VCRs,
PDAs, pagers, electronic data banks, and
hand-held communication equipment
· Power source for appliances, which require a higher
operating voltage than that of the application
batteries
General Description
The HT77S11 and HT77S10 are high efficiency PFM
synchronous step-up DC-DC converters. The two de-
vices although functionally similar are different in their
output drive current capabilities. Synchronous rectifica-
tion operation is used to increase device efficiency and
to reduce the external component resulting in reduced
product costs. The converter switching frequency, which
can have a value up to 500KHz, will vary according to
the load demands and according to the input voltage to
keep the output voltage at the required level.
The HT77S11 and HT77S10 have 0.7V start-up voltage,
and will consume a typical quiescent current of 20
mA. A
shutdown mode is provided whereby the operating cur-
rent will be reduced a very low value. The output voltage
has two fixed voltages of 3.3V by setting FB to OUT pin
and 5V by setting FB to GND pin, but can also be ad-
justed between a value of 1.8V~5.5V using two external
resistors. With internal voltage detector function, the de-
tected voltage can be set by using dividing resistor.


Similar Part No. - HT77S11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT77S11 HOLTEK-HT77S11 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
More results

Similar Description - HT77S11

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
   Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com