Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1240AEPA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1240AEPA+
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1240AEPA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1240AEPA+ Datasheet HTML 4Page - Maxim Integrated Products MAX1240AEPA+ Datasheet HTML 5Page - Maxim Integrated Products MAX1240AEPA+ Datasheet HTML 6Page - Maxim Integrated Products MAX1240AEPA+ Datasheet HTML 7Page - Maxim Integrated Products MAX1240AEPA+ Datasheet HTML 8Page - Maxim Integrated Products MAX1240AEPA+ Datasheet HTML 9Page - Maxim Integrated Products MAX1240AEPA+ Datasheet HTML 10Page - Maxim Integrated Products MAX1240AEPA+ Datasheet HTML 11Page - Maxim Integrated Products MAX1240AEPA+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
8
_______________________________________________________________________________________
_______________Detailed Description
Converter Operation
The MAX1240/MAX1241 use an input track/hold (T/H)
and successive-approximation register (SAR) circuitry
to convert an analog input signal to a digital 12-bit out-
put. No external-hold capacitor is needed for the T/H.
Figure 3 shows the MAX1240/MAX1241 in its simplest
configuration. The MAX1240/MAX1241 convert input
signals in the 0V to VREF range in 9µs, including T/H
acquisition time. The MAX1240’s internal reference is
trimmed to 2.5V, while the MAX1241 requires an external
reference. Both devices accept voltages from 1.0V to
VDD. The serial interface requires only three digital lines
(SCLK, CS, and DOUT) and provides an easy interface
to microprocessors (µPs).
The MAX1240/MAX1241 have two modes: normal and
shutdown. Pulling SHDN low shuts the device down and
reduces supply current below 10µA (VDD
≤ 3.6V), while
pulling SHDN high or leaving it open puts the device
into operational mode. Pulling CS low initiates a conver-
sion. The conversion result is available at DOUT in
unipolar serial format. The serial data stream consists
of a high bit, signaling the end of conversion (EOC), fol-
lowed by the data bits (MSB first).
Analog Input
Figure 4 illustrates the sampling architecture of the ana-
log-to-digital converter’s (ADC’s) comparator. The full-
scale input voltage is set by the voltage at REF.
Track/Hold
In track mode, the analog signal is acquired and stored
in the internal hold capacitor. In hold mode, the T/H
switch opens and maintains a constant input to the
ADC’s SAR section.
During acquisition, the analog input (AIN) charges
capacitor CHOLD. Bringing CS low ends the acquisition
interval. At this instant, the T/H switches the input side
of CHOLD to GND. The retained charge on CHOLD repre-
sents a sample of the input, unbalancing node ZERO at
the comparator’s input.
In hold mode, the capacitive digital-to-analog converter
(DAC) adjusts during the remainder of the conversion
cycle to restore node ZERO to 0V within the limits of 12-
bit resolution. This action is equivalent to transferring a
charge from CHOLD to the binary-weighted capacitive
DAC, which in turn forms a digital representation of the
analog input signal. At the conversion’s end, the input
side of CHOLD switches back to AIN, and CHOLD
charges to the input signal again.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens and more time must be
allowed between conversions. The acquisition time
(tACQ) is the maximum time the device takes to acquire
the signal, and is also the minimum time needed for the
signal to be acquired. Acquisition time is calculated by:
tACQ = 9(RS + RIN) x 16pF
where RIN = 9kΩ, RS = the input signal’s source imped-
ance, and tACQ is never less than 1.5µs. Source imped-
ances below 1k
Ω do not significantly affect the ADC’s
AC performance.
AIN
TRACK INPUT
HOLD
GND
TRACK
HOLD
9k
RIN
CHOLD
16pF
-+
CSWITCH
COMPARATOR
ZERO
REF
12-BIT CAPACITIVE DAC
AT THE SAMPLING INSTANT,
THE INPUT SWITCHES FROM
AIN TO GND.
SHUTDOWN
INPUT
ANALOG INPUT
0V TO VREF
+2.7V to +3.6V*
*
**
VDD,MAX = +5.25V (MAX1241)
4.7
μF (MAX1240)
0.1
μF (MAX1241)
1
2
3
4
VDD
AIN
SHDN
REF
8
7
6
5
SCLK
CS
DOUT
GND
SERIAL
INTERFACE
C**
4.7
μF 0.1μF
REFERENCE
INPUT
(MAX1241 ONLY)
MAX1240
MAX1241
Figure 3. Operational Diagram
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX1240AEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240AEPA++ MAXIM-MAX1240AEPA+ Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
More results

Similar Description - MAX1240AEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com