Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4080TASA+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4080TASA+
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4080TASA+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4080TASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX4080TASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX4080TASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX4080TASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX4080TASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX4080TASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX4080TASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX4080TASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX4080TASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
_______________________________________________________________________________________
5
0
20
15
10
5
30
25
35
-125
-75 -50 -25
-100
0
25 50 75 100 125
INPUT OFFSET VOLTAGE HISTOGRAM
INPUT OFFSET VOLTAGE (
μV)
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
-300
-250
-150
-200
0
50
-50
-100
300
100
150
200
250
-50
25
50
0
-25
75
100
125 150
TEMPERATURE (
°C)
-0.5
-0.2
-0.3
-0.4
0
-0.1
0.4
0.3
0.2
0.1
0.5
-50
-25
0
25
50
75
100
125
GAIN ACCURACY vs. TEMPERATURE
TEMPERATURE (
°C)
GAIN ACCURACY vs. VCC
VCC (V)
64
52
40
28
16
-0.15
-0.10
-0.05
0
-0.20
476
VRS+ = 48V
S VERSION
T VERSION
F VERSION
FREQUENCY (Hz)
100k
10k
1k
100
10
-120
-100
-110
-90
-80
-60
-70
-50
-40
-20
-30
-10
0
-130
11M
MAX4081F/T/S
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
10
-120
-100
-110
-90
-80
-60
-70
-50
-40
-20
-30
-10
0
-130
11M
MAX4081F/T/S
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
-110
-90
-100
-80
-60
-70
-50
-40
-20
-30
-10
0
-120
MAX4081F/T/S
REFERENCE REJECTION RATIO
vs. FREQUENCY
10k
1k
100
10
1
100k
FREQUENCY (kHz)
100
10
1
5
10
15
20
25
30
35
40
45
50
0
0.1
1000
MAX4080F/T/S
SMALL-SIGNAL GAIN vs. FREQUENCY
VSENSE = 10mV
MAX4080S
MAX4080T
MAX4080F
FREQUENCY (kHz)
100
10
1
5
10
15
20
25
30
35
40
45
50
0
0.1
1000
MAX4081F/T/S
SMALL-SIGNAL GAIN vs. FREQUENCY
VOUT = 100mVP-P
MAX4081S
MAX4081T
MAX4081F
Typical Operating Characteristics
(VCC = VRS+ = 48V, VSENSE = 0, CLOAD = 20pF, RLOAD = ∞, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4080TASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080TASA MAXIM-MAX4080TASA Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080TASA MAXIM-MAX4080TASA Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080TASA MAXIM-MAX4080TASA Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
More results

Similar Description - MAX4080TASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com