Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6221B Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT6221B
Description  Multi-Purpose Encoders
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221B Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT6221B Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 9Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 10Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 11Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 12Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 13Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 14Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
HT6221B Application Circuit
Note: Typical infrared diode: EL-1L2 (KODENSHI CORP.)
HT6220A/HT6221A/HT6221B/HT6222A
Rev. 1.10
11
June 1, 2010
H T 6 2 2 1 B
D 7
V S S
1 0
7
C 1
C 2
C 3
C 4
C 5
2 0 0 k W ´ 8
1 N 4 1 4 8 ´ 8
C 6
C 7
C 8
R 1
R 2
R 3
R 4
A I N
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1
2
3
4
2 0
5
D O U T
L E D
V D D
1 k W
4 7 m F / 1 6 V
I n f r a r e d
4 . 7 W
1 1
6
V D D
L E D
R 5
R 6
8
9
K 1
K 2
K 3
K 4
K 3 3
K 3 4
K 5
K 6
K 7
K 8
K 3 7
K 3 8
K 9
K 1 0
K 1 1
K 1 2
K 4 1
K 4 2
K 1 3
K 1 4
K 1 5
K 1 6
K 4 5
K 4 6
K 1 7
K 1 8
K 1 9
K 2 0
K 4 9
K 5 0
K 2 1
K 2 2
K 2 3
K 2 4
K 5 3
K 5 4
K 2 5
K 2 6
K 2 7
K 2 8
K 5 7
K 5 8
K 2 9
K 3 0
K 3 1
K 3 2
K 6 1
K 6 2


Similar Part No. - HT6221B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
   Multi-Purpose Encoders
HT6221 HOLTEK-HT6221 Datasheet
178Kb / 15P
   Multi-Purpose Encoders
logo
ARTSCHIP ELECTRONICS CO...
HT6221 ARTSCHIP-HT6221 Datasheet
709Kb / 11P
   Multi-Purpose Encoders
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221_07 Datasheet
178Kb / 15P
   Multi-Purpose Encoders
More results

Similar Description - HT6221B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221_07 Datasheet
178Kb / 15P
   Multi-Purpose Encoders
logo
ARTSCHIP ELECTRONICS CO...
HT6221 ARTSCHIP-HT6221 Datasheet
709Kb / 11P
   Multi-Purpose Encoders
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
   Multi-Purpose Encoders
logo
KODENSHI_AUK CORP.
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
   ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
   ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
   ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
   ENCODERS
KE203 KODENSHI-KE203 Datasheet
180Kb / 3P
   ENCODERS
KE-2B12F KODENSHI-KE-2B12F Datasheet
179Kb / 3P
   ENCODERS
KE-2E12F KODENSHI-KE-2E12F Datasheet
179Kb / 3P
   ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com