Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPK600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPK600
Description  MEDIUM VOLTAGE CHASSIS MOUNT RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPK600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPK600 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Huntington Electric’s HPK600 Series of power resistors are state-of-the-art
600 Watt resistors that are compact and available in various resistance
values. Ideal for variable speed drives, power supplies, robotics, and
elevator controls or where an application requires advanced packaging in a
high dissipation case. Designed to dissipate 600 Watts into panel mounts
via a condensed footprint at voltages up to 5000 VDC.
POWER RATING is based on 600 W at
85 C heat sink temperature. Use of
thermal conduction to heat sink is
required. Flatness of cooling plate
must be better than 0.05 mm overall,
and the roughness should not exceed
6.4 um.
HPK600
MEDIUM VOLTAGE
CHASSIS MOUNT RESISTORS
600 WATTS
DIMENSION INFORMATION
A
±
.03 (0.8)
B
±
.008 (0.2)
C
±
.02 (0.5)
D
±
.008 (0.2)
E
±
.008 (0.2)
F
±
.03 (0.8)
G
±
.02 (0.5)
H
±
.005 (0.1)
J
±
.02 (0.5)
K
±
.02 (0.5)
L
±
.02 (0.5)
M
±
.02 (0.5)
N
±
.02 (0.5)
2.362
(60.0)
1.417
(36.0)
0.197
(5.0)
1.339
(34.0)
2.244
(57.0)
2.560
(65.0)
0.709
(18.0)
0.164
(4.2)
0.276
(7.0)
0.197
(5.0)
0.591
(15)
1.181
(30.0)
1.260
(32.0)
ENGINEERING SPECIFICATIONS
Operating Temperature
-55 C to 150 C
Temp. Coefficient
±150 PPM/ C
Power Rating
600 Watts at 85 C heat sink
Electric Strength Voltage
6 KVAC, 50 HZ
Insulation Resistance
10 GΩ min @ 500 V
Max Working Voltage
5000 VDC
Short Time Overload
1000 W @70 C for 10 sec
Voltage Impulse
12 KV BIL
Capacitance/Mass
110 pF
Parallel Capacitance
40 pF
Inductance
80 nH
Max Mounting Torque
1.8 Nm
Max Terminal Torque
2 Nm
Creeping Distance
42 mm Minimum
Air Distance
14 mm Minimum
GENERAL CHARACTERISITCS
RESISTOR:
Unique designed for low inductance and
capacitance values. Stable element covering
high wattages and pulsed loadings.
CASE MATERIAL: Epoxy filled UL94-V0 with large creep
distance to mass.
TERMINALS:
Convenient electrical connection with
M4 or M5 screws.
DIMENSIONS:
2.24” X 2.55” (56.9 X 64.8 mm)
HUNTINGTON ELECTRIC, INC. P.O. BOX 366 HUNTINGTON, IN 46750 (260) 356-0756 www.heiresistors.com
ORDER INFORMATION
HPK600 - K - 100R
TYPE
TOLERANCE
RESISTANCE
K = 10%, J = 5%
100R = 100 OHMS
STANDARD RESISTANCES
2
3
4
5
10
50
75
100
500
1000
5000
10000


Similar Part No. - HPK600

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HPK02WE1050 MACOM-HPK02WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
HPK04WE1050 MACOM-HPK04WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
HPK06WE1050 MACOM-HPK06WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
HPK08WE1050 MACOM-HPK08WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
HPK10WE1050 MACOM-HPK10WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - HPK600

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BHCS BITECH-BHCS Datasheet
407Kb / 1P
   HIGH CURRENT CHASSIS MOUNT SHUNT RESISTORS
logo
Vishay Siliconix
TMC VISHAY-TMC Datasheet
196Kb / 5P
   Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
Revision: 23-Jun-16
RH050270R0FE02 VISHAY-RH050270R0FE02 Datasheet
198Kb / 5P
   Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
Revision: 22-Jun-12
RH025R2000 VISHAY-RH025R2000 Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
Revision: 23-May-13
logo
Adam Technologies, Inc.
PLF-21D3-10A-Q ADAM-TECH-PLF-21D3-10A-Q Datasheet
347Kb / 2P
   "EMI/RF POWER FILTER MEDIUM OUTLINE, CHASSIS MOUNT
Rev. B
PLF-10D1 ADAM-TECH-PLF-10D1 Datasheet
92Kb / 1P
   EMI/RFI POWER LINE FILTERS MEDIUM OUTLINE CHASSIS MOUNT
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
Taiyo Yuden (U.S.A.), I...
HMK105B7221KVHFE TAIYO-YUDEN-HMK105B7221KVHFE Datasheet
417Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7222MVHFE TAIYO-YUDEN-HMK105B7222MVHFE Datasheet
416Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7472MVHFE TAIYO-YUDEN-HMK105B7472MVHFE Datasheet
416Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com