Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15024BATB+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15024BATB+T
Description  Single/Dual, 16ns, High Sink/source Current Gate Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15024BATB+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15024BATB+T Datasheet HTML 1Page - Maxim Integrated Products MAX15024BATB+T Datasheet HTML 2Page - Maxim Integrated Products MAX15024BATB+T Datasheet HTML 3Page - Maxim Integrated Products MAX15024BATB+T Datasheet HTML 4Page - Maxim Integrated Products MAX15024BATB+T Datasheet HTML 5Page - Maxim Integrated Products MAX15024BATB+T Datasheet HTML 6Page - Maxim Integrated Products MAX15024BATB+T Datasheet HTML 7Page - Maxim Integrated Products MAX15024BATB+T Datasheet HTML 8Page - Maxim Integrated Products MAX15024BATB+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
_______________________________________________________________________________________
5
MAX15025 ELECTRICAL CHARACTERISTICS (continued)
(VCC = VDRV = VREG = 10V, FB/SET = GND, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ =
+25°C). (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Undervoltage-Lockout
Hysteresis
300
mV
VCC rising
100
VCC Undervoltage Lockout to
Output Delay
VCC falling
2
µs
REG REGULATOR (VCC = 12V, VREG = VDRV, CL = 1µF, FB/SET = GND)
Output Voltage
VREG
12V < VCC < 28V, 0 < ILOAD < 10mA
9
10
11
V
VCC = 6.5V, ILOAD = 100mA
0.4
0.9
Dropout Voltage
VR_DO
VCC = 4.5V, ILOAD = 50mA
0.2
0.5
V
Load Regulation
VCC = 12V, ILOAD = 0 to 100mA
1
%
Line Regulation
12V < VCC < 28V
10
mV
FB/SET Reference Voltage
External resistive divider connected at
FB/SET
1.10
1.23
1.35
V
FB/SET Threshold
VFB rising
220
mV
FB/SET Input Leakage Current
VFB = 4.5V
-125
+125
nA
DRIVER OUTPUT SINK
TA = +25°C
1.0
1.6
VCC = VREG = VDRV = 10V,
sinking 100mA
TA = +125°C
1.25
2.10
TA = +25°C
1.10
1.65
Driver Output Resistance
RON-N
VCC = VREG = VDRV = 4.5V,
sinking 100mA
(MAX15025A/C)
TA = +125°C
1.5
2.2
Peak Output Current
IPK-N
VOUT_ = 10V
4
A
Maximum Load Capacitance
SOA condition: CL x VDRV2
≤ 20µJ,
for VDRV = 10V
100
nF
Latchup Robustness
500
mA
DRIVER OUTPUT SOURCE
TA = +25°C
1.75
2.50
VCC = VREG = VDRV = 10V,
sourcing 100mA
TA = +125°C
2.25
3.50
TA = +25°C
1.85
2.60
Driver Output Resistance
RON-P
VCC = VREG = VDRV = 4.5V,
sourcing 100mA
(MAX15025A/C)
TA = +125°C
2.50
3.75
Peak Output Current
IPK-P
VOUT_ = 0V
2
A
Latchup Robustness
500
mA
LOGIC INPUTS
MAX15025A/C
2.0
Logic 1 Input Voltage
VIH
MAX15025B/D
4.25
V
MAX15025A/C
0.8
Logic 0 Input Voltage
VIL
MAX15025B/D
2
V
MAX15025A/C
0.4
Logic Input Hysteresis
MAX15025B/D
1
V
Logic Input Current Leakage
VIN = 18V or VGND
-75
+0.01
+75
µA
Input Capacitance
10
pF


Similar Part No. - MAX15024BATB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024BATB+T MAXIM-MAX15024BATB+T Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
More results

Similar Description - MAX15024BATB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_11 Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
logo
List of Unclassifed Man...
UDN-2980A ETC1-UDN-2980A Datasheet
92Kb / 2P
   HIGH-VOLTAGE, HIGH-CURRENT SOURCE DRIVERS
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
[Old version datasheet]   REF200 Dual Current Source and Current Sink
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com